Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3030 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L3030
Description  SUBSCRIBER LINE INTERFACE KIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3030 Datasheet(HTML) 4 Page - STMicroelectronics

  L3030 Datasheet HTML 1Page - STMicroelectronics L3030 Datasheet HTML 2Page - STMicroelectronics L3030 Datasheet HTML 3Page - STMicroelectronics L3030 Datasheet HTML 4Page - STMicroelectronics L3030 Datasheet HTML 5Page - STMicroelectronics L3030 Datasheet HTML 6Page - STMicroelectronics L3030 Datasheet HTML 7Page - STMicroelectronics L3030 Datasheet HTML 8Page - STMicroelectronics L3030 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
PIN DESCRIPTION (L3030)
Pin
Symbol
Function
1
TST
This pin is connected internally for test purpose. It should not be used as a tie point for
external components.
2
REF
Bias Set
3
AGND
Analog Ground
4
VSS
– 5V
5
VDD
+ 5V
6
N.C.
Not connected.
7
CZS
AC Feedback Input
8
ACF
AC Line Impedance Synthesis
9
ZAC
AC Impedance Adjustement
10
11
12
TST
These pins are connected internally for test purpose. It should not be used as a tie point
for external components.
13
VOUT
Two wire unbalanced output.
14
CM
Capacitor Multiplier Input
15
RC
DC Feedback Input
16
IT
Transversal Line Current
17
RDC
DC Feeding System
18
EIA
Read/write Command
19
NCS
Chip Select Command
20
DIO
Data Input/output
21
DCKL
Clock Signal
22
DGND
Digital Ground
23
N.C.
Not connected.
24
N.C.
Not connected.
25
N.C.
Not connected.
26
CI
Input/output Changing Command
27
C1
State Control Signal 1
28
C2
State Control Signal 2
29
N.C.
Not connected.
30
N.C.
Not connected.
31
IL
Longitudinal Line Current
32
CRTS
Ringtrip Det. & TTX Shaping
33
TTXIN
Teletaxe Signal Input
34
RGTTX
TTX Filter Level Compensation
35
TTXF
TTX Filter Input
36
ZB
Balancing Network
37
38
39
TST
These pins are connected internally for test purpose. It should not be used as a tie point
for external components.
40
TX
4W Sending Output
41
RX/RG
4W Receiving and Ring Input
42
VBIM
Battery Image Input
43
44
TST
These pins are connected internally for test purpose. It should not be used as a tie point
for external components.
L3000S - L3030
4/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com