Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3235 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L3235
Description  HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3235 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L3235 Datasheet HTML 7Page - STMicroelectronics L3235 Datasheet HTML 8Page - STMicroelectronics L3235 Datasheet HTML 9Page - STMicroelectronics L3235 Datasheet HTML 10Page - STMicroelectronics L3235 Datasheet HTML 11Page - STMicroelectronics L3235 Datasheet HTML 12Page - STMicroelectronics L3235 Datasheet HTML 13Page - STMicroelectronics L3235 Datasheet HTML 14Page - STMicroelectronics L3235 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DESCRIPTION
Circuit description
The L3235 Subscriber Line Interface Circuit
(SLIC) is a bipolar integrated circuit in 60V tech-
nology optimized for PABX application.
The L3235 supplies a line feed voltage with a cur-
rent limitation which can be modified by an exter-
nal resistor (RLIM).
The SLIC incorporates loop currents, ground key
detection functions with an externally programma-
ble constant time.
The two to four wires and four to two wires voice
frequency signal conversion is performed by the
L3235 and the line terminating and the balancing
impedances are externally programmable.
The device integrates an automatic power limita-
tion circuit. In short loop condition the extra power
is dissipated on one external transistor (Text).
This aproach allows to assembly the L3235 in a
low cost standard plastic PLCC28 package.
The chip is prote cted by thermal protection at
Tj = 150
°C.
The SLIC is able to give a power up command for
Combo in off hook condition and an enable logic
for solid state ringing injector L3234.
The L3235 package is 28 pin plastic PLCC.
The L3235 has been designed to operate
togheter
with
L3234
performing
complete
BORSHT function without any electromechanical
ringing relay (see the application circuit fig. 16).
PLCC28
L3235
Subscriber Line Interface Circuit
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VBAT
Battery Voltage
-54
V
VCC
Positive Supply Voltage
5.5
V
VSS
Negative Supply Voltage
-5.5
V
Tj
Max. Junction Temperature
150
°C
Tstg
Storage Temperature
-55 to +150
°C
OPERATING RANGE
Symbol
Parameter
Min.
Max.
Unit
VBAT
Battery Voltage
-52
-24
V
VCC
Positive Supply Voltage
4.75
5.25
V
VSS
Negative Supply Voltage
-5.25
-4.75
V
Top
Operating Temperature for L3235
L3235T
0
-40
70
85
°C
°C
Tj
Max Junction Operating Temperature
130
°C
Note: Operating ranges define those limits between which the functionality of the device is guaranteed.
L3234 - L3235
11/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com