Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3235 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L3235
Description  HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3235 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L3235 Datasheet HTML 9Page - STMicroelectronics L3235 Datasheet HTML 10Page - STMicroelectronics L3235 Datasheet HTML 11Page - STMicroelectronics L3235 Datasheet HTML 12Page - STMicroelectronics L3235 Datasheet HTML 13Page - STMicroelectronics L3235 Datasheet HTML 14Page - STMicroelectronics L3235 Datasheet HTML 15Page - STMicroelectronics L3235 Datasheet HTML 16Page - STMicroelectronics L3235 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
FUNCTIONAL DESCRIPTION
DIGITAL INTERFACE
The different operating modes of the L3235 are
programmed through a digital interface based on
two input pins:
1)SBY input programs the stand-by or Ac-
tive/Ringing modes.
2)RNG input programs the ringing ON/OFF acti-
vation condition for the L3234.
The L3235 digital interface has four output pins :
1)OH provides the on hook/off hook or ring trip
informations (active low).
2)GDK provides the ground key on/off informa-
tion (active low).
3)PU must be connected to the enable input pin
of CODEC/FILTER devices like ETC 5054/57
and automatically activates this device when
in active mode off-hook is detected or when
ringing mode is selected.
4)CS output must be connected to the CS en-
able input of the solid state ringing injector
L3234.
In this way the L3234 will be enabled when ring-
ing mode is programmed and will be automat-
ically disabled when the ring trip condition will be
detected reducing the ringing signal disconnec-
tion time after ring trip.
The table 1 here below resumes the different op-
eration modes and the relative logic output sig-
nals.
The two current detection (hook and GND key)
have internal fixed threshold. Externally it is possi-
ble to program their time costant through two R-C
components connected respectively to pin 26
(RTF) and pin 27 (GKF).
L3235 FUNCTIONAL DIAGRAM
L3234 - L3235
13/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com