Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3235 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L3235
Description  HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3235 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L3235 Datasheet HTML 18Page - STMicroelectronics L3235 Datasheet HTML 19Page - STMicroelectronics L3235 Datasheet HTML 20Page - STMicroelectronics L3235 Datasheet HTML 21Page - STMicroelectronics L3235 Datasheet HTML 22Page - STMicroelectronics L3235 Datasheet HTML 23Page - STMicroelectronics L3235 Datasheet HTML 24Page - STMicroelectronics L3235 Datasheet HTML 25Page - STMicroelectronics L3235 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
HEPTAWATT (Surface Mount) PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.8
0.189
C
1.37
0.054
D
2.4
2.8
0.094
0.110
D1
1.2
1.35
0.047
0.053
E
0.35
0.55
0.014
0.022
F
0.6
0.8
0.024
0.031
F1
0.9
0.035
G
2.41
2.54
2.67
0.095
0.100
0.105
G1
4.91
5.08
5.21
0.193
0.200
0.205
G2
7.49
7.62
7.8
0.295
0.300
0.307
H2
9.2
10.4
0.362
0.409
H3
10.05
10.4
0.396
0.409
L
4.6
5.05
0.181
0.198
L1
3.9
4.1
4.3
0.153
0.161
0.170
L2
6.55
6.75
6.95
0.253
0.265
0.273
L3
5.9
6.1
6.3
0.232
0.240
0.248
L5
2.6
2.8
3
0.102
0.110
0.118
L6
15.1
15.8
0.594
0.622
L7
6
6.6
0.236
0.260
M
0.17
0.32
0.007
0.012
V2
8
°(max)
Dia
3.65
3.85
0.144
0.152
L3234 - L3235
24/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com