Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5117CPCBA Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF5117CPCBA
Description  3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5117CPCBA Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF5117CPCBA Datasheet HTML 4Page - RF Micro Devices RF5117CPCBA Datasheet HTML 5Page - RF Micro Devices RF5117CPCBA Datasheet HTML 6Page - RF Micro Devices RF5117CPCBA Datasheet HTML 7Page - RF Micro Devices RF5117CPCBA Datasheet HTML 8Page - RF Micro Devices RF5117CPCBA Datasheet HTML 9Page - RF Micro Devices RF5117CPCBA Datasheet HTML 10Page - RF Micro Devices RF5117CPCBA Datasheet HTML 11Page - RF Micro Devices RF5117CPCBA Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11 of 12
RF5117C
Rev A6 DS071018
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
VREF-VSENSE versus POUT
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
POUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com