Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5117CPCBA Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5117CPCBA
Description  3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5117CPCBA Datasheet(HTML) 1 Page - RF Micro Devices

  RF5117CPCBA Datasheet HTML 1Page - RF Micro Devices RF5117CPCBA Datasheet HTML 2Page - RF Micro Devices RF5117CPCBA Datasheet HTML 3Page - RF Micro Devices RF5117CPCBA Datasheet HTML 4Page - RF Micro Devices RF5117CPCBA Datasheet HTML 5Page - RF Micro Devices RF5117CPCBA Datasheet HTML 6Page - RF Micro Devices RF5117CPCBA Datasheet HTML 7Page - RF Micro Devices RF5117CPCBA Datasheet HTML 8Page - RF Micro Devices RF5117CPCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
PWR SEN
BIAS GND1
RF IN
NC
PWR REF
RF OUT
RF OUT
RF OUT
16
15
14
13
5
6
7
8
9
10
11
12
4
3
2
1
Bias
RF5117C
3V, 1.8GHz TO 2.8GHz
LINEAR POWER AMPLIFIER
The RF5117C is a linear, medium-power, high-efficiency amplifier IC
designed specifically for battery-powered WLAN applications such as PC
cards, mini PCI, and compact flash applications. The device is manufac-
tured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor
(HBT) process, and has been designed for use as the final RF amplifier in
2.5GHz WLAN and other spread-spectrum transmitters. The device is pro-
vided in a 3mmx3mm, 16-pin, leadless chip carrier with a backside
ground. The RF5117C is designed to maintain linearity over a wide range
of supply voltage and power output.
Features
Single 3.3V Power Supply
+30dBm Saturated Output
Power
26dB Small Signal Gain
High Linearity
1800MHz to 2800MHz Fre-
quency Range
+17dBm PO, 11G, <3% EVM
Applications
IEEE802.11B WLAN Applica-
tions
IEEE802.11G WLAN Applica-
tions
2.5GHz ISM Band Applica-
tions
Commercial and Consumer
Systems
Portable Battery-Powered
Equipment
Spread-Spectrum and MMDS
Systems
RF5117C
3V, 1.8GHz to 2.8GHz Linear Power Amplifier
RF5117C PCBA
Fully Assembled Evaluation Board
Rev A6 DS071018
Package Style: QFN, 16-Pin, 3 x 3


Similar Part No. - RF5117CPCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5117CPCBA RFMD-RF5117CPCBA Datasheet
275Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5117CPCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
3V PCS LINEAR POWER AMPLIFIER
RF5117 RFMD-RF5117 Datasheet
274Kb / 10P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117 RFMD-RF5117_06 Datasheet
277Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117C RFMD-RF5117C Datasheet
275Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_06 Datasheet
203Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5117 RFMD-RF5117_1 Datasheet
374Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com