Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5117CPCBA Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5117CPCBA
Description  3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5117CPCBA Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5117CPCBA Datasheet HTML 3Page - RF Micro Devices RF5117CPCBA Datasheet HTML 4Page - RF Micro Devices RF5117CPCBA Datasheet HTML 5Page - RF Micro Devices RF5117CPCBA Datasheet HTML 6Page - RF Micro Devices RF5117CPCBA Datasheet HTML 7Page - RF Micro Devices RF5117CPCBA Datasheet HTML 8Page - RF Micro Devices RF5117CPCBA Datasheet HTML 9Page - RF Micro Devices RF5117CPCBA Datasheet HTML 10Page - RF Micro Devices RF5117CPCBA Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 of 12
RF5117C
Rev A6 DS071018
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic - IEEE802.11b
2400MHz to 2483MHz
C1
10 pF
R2
390
Ω
R1
390
Ω
C15
1 nF
PWR SENSE
C16
1 nF
PS REF
C3
1 nF
VREG1
VREG2
C13
1 nF
L2
10 nH
L1
12 nH
C5
2.7 pF
JOH
C8
10 pF
C9
10 pF
C10
1 nF
C11
6.8 pF
JOH
C2
1 nF
Notes:
1. C7 - 130 mils from chip.
2. Place C11 as close to chip as possible.
Part is Backside Grounded.
C12
1 nF
J1
RF IN
50
Ω μstrip
VCC
50
Ω μstrip
J2
RF OUT
L3
1.2 nH
Murata
C17
2.7 pF
JOH
C14
1 nF
16
15
14
13
5
6
7
8
9
10
11
12
4
3
2
1
Bias
C23
1
μF
P1
1
2
3
4
5
CON5
GND
P1-4
VREG1
P1-5
VREG2
P1-1
PS REF
P1-2
PWR SENSE
GND
GND
P2-3
VCC
P2
1
2
3
CON3
P3-1
VCC
P3
1
CON1
P4
1
CON1
GND
*1
5117400B
*2
C22
10
μF
TL1
TL1 = 130 mil (50
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com