Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF4180 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF4180
Description  DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF4180 Datasheet(HTML) 1 Page - RF Micro Devices

  RF4180 Datasheet HTML 1Page - RF Micro Devices RF4180 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
18
3
4
5
11
6
12
13
20
HB INPUT
LB INPUT
PA
Power Control Circuit
and Switch Decoder
pHEMT SP4T
Switch
RX1
RX0
2
19
GND
21
GND
22
GND
1
GND
7NC
8GND
9GND
14
15
16
17
10 NC
RF4180
DUAL-BAND GSM900/DCS1800
TRANSMIT MODULE
The RF4180 is a dual band (GSM900/DCS1800) transmit module with two sym-
metrical receive ports and GSM/GPRS Class 12 compliant. This transmit module
builds upon RFMD’s leading power amplifier with PowerStar® integrated power
control technology, pHEMT switch technology and integrated transmit filtering for
best-in-class harmonics. This results in high performance, a reduced solution size,
and the ease of implementation simplifies transmitter design. The device is
designed for use as the final portion of the transmit in GSM900/DCS1800 and
eliminates the need for PA to antenna switch module matching. The device provides
50
Ω matched input and output ports with no matching required.
The RF4180 features RFMD’s latest integrated power flattening circuit, which signif-
icantly reduces current and power variation into load mismatch. The RF4180 also
integrates an ESD filter to provide excellent ESD protection at the antenna port. The
RF4180 is designed to provide maximum efficiency at rated POUT.
Features
Enhanced Performance
Transmit Module
Small Form Factor
6mmx8mmx1.2mm
No External Routing
High Efficiency @ rated POUT
VBATT=3.5V
GSM900 43%
DCS1800 38%
Low RX Insertion Loss
Symmetrical RX Ports
0dBm to 6dBm Drive Level,
>50dB of Dynamic Range
Excellent ESD Protection at
Antenna Port: 8kV
Integrated Power Flattening
Circuit
Applications
3V Dual-Band GSM/GPRS
Handsets
GSM900/DCS1800 Products
GPRS Class 12 Compatible
Portable Battery-Powered
Equipment
RF4180
Dual-Band GSM900/DCS1800 Transmit Module
RF4180SB
Transmit Module 5-Piece Sample Pack
RF4180PCBA-41X
Fully Assembled Evaluation Board
Prelim DS080125
Proposed
CONFIDENTIAL: NDA REQUIRED
RoHS Compliant and Pb-Free Product
Package Style: Module 6mmx8mm


Similar Part No. - RF4180

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RF41 EXTECH-RF41 Datasheet
291Kb / 1P
Portable Refractometers
logo
Campbell Scientific Uni...
RF411A CAMPBELL-RF411A Datasheet
2Mb / 2P
900 MHz, 250 mW, Spread Spectrum Radios
October 2, 2015
RF416 CAMPBELL-RF416 Datasheet
484Kb / 2P
2.4 GHz Spread-Spectrum Radio
08/06/2020
logo
Littelfuse
RF4176-000 LITTELFUSE-RF4176-000 Datasheet
708Kb / 10P
PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices
Revised: GD. 12/20/20
RF4177-000 LITTELFUSE-RF4177-000 Datasheet
708Kb / 10P
PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices
Revised: GD. 12/20/20
More results

Similar Description - RF4180

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1047FN SONY-CXG1047FN Datasheet
104Kb / 9P
Dual-Band 3V Power Amplifier for GSM900/DCS1800 Applications
logo
Maxim Integrated Produc...
MAX2651 MAXIM-MAX2651 Datasheet
466Kb / 16P
GSM900 and DCS1800/PCS1900 Dual-Band, Low-Noise Amplifiers
19-1506; Rev 1; 10/99
logo
National Semiconductor ...
LMX2604 NSC-LMX2604 Datasheet
268Kb / 14P
Triple-band VCO for GSM900/DCS1800/PCS1900
logo
RF Micro Devices
RF7115 RFMD-RF7115 Datasheet
572Kb / 22P
QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
logo
TriQuint Semiconductor
TQM6M4022E TRIQUINT-TQM6M4022E Datasheet
286Kb / 1P
3V Quad-Band GSM900 DCS Transmit Module
TQM6M4028E TRIQUINT-TQM6M4028E Datasheet
208Kb / 1P
3V Dual-Band GSM900/DCS Transmit Module
logo
Skyworks Solutions Inc.
RM008 SKYWORKS-RM008 Datasheet
507Kb / 12P
PA Module for Dual-band GSM900 and DCS1800 Applications
RM009 SKYWORKS-RM009 Datasheet
296Kb / 17P
Power Amplifier Module for Dual-band GSM900 DCS1800
logo
RF Micro Devices
RF7115 RFMD-RF7115_1 Datasheet
754Kb / 22P
QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
RF3283 RFMD-RF3283 Datasheet
296Kb / 16P
DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com