Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

721 Datasheet(PDF) 2 Page - Hengstler GmbH

Part # 721
Description  Preset Counter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HENGSTLER [Hengstler GmbH]
Direct Link  https://www.hengstler.de/en/
Logo HENGSTLER - Hengstler GmbH

721 Datasheet(HTML) 2 Page - Hengstler GmbH

  721 Datasheet HTML 1Page - Hengstler GmbH 721 Datasheet HTML 2Page - Hengstler GmbH 721 Datasheet HTML 3Page - Hengstler GmbH 721 Datasheet HTML 4Page - Hengstler GmbH 721 Datasheet HTML 5Page - Hengstler GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data sheet signo721
23/03/2010
page 2 von 5
Preset Counter
signo 721
signo 721
Amplitude
threshold
< 2 V and > 8 V or < 1 V and > 4 V at TTL-level
amplitude max. 40 VDC
Active edge
programmable, positive for PNP-input,
negativ for NPN-input
Pulse form
any desired form (at max. frequency square 1:1)
Input resistance
approx 10 kOhm
Clock frequency
max. 60 kHz (TTL 15 kHz): single-channel counting
max. 60 kHz (TTL 15 kHz): Differential counting and totalizing
channel (A+B together)
max. 30 kHz (TTL 15 kHz): phase discriminator
single or double evaluation
max. 15 kHz (TTL 15 kHz): phase discriminator, quadruple
evaluation
damped (attenuated) 30 Hz
Pulse duration min. 17 ms ( 30 Hz); 8 µs (60 kHz)
Prescaler
0,0001 - 9,9999
Reset
manual reset via keyboard,
external reset via static or dynamic programming; pulse length
min. 5 ms,
automatic reset after reaching Preselect 2,
(No pulse losses at max. counter frequency due to automatic reset
function).
via application input (programmable)
Display and Preset
Range
- 99 999 up to + 99 999
Signal times
0,01 s to 599,99 s or bistable programming;
tolerance + 10 ms
Relay Output
Preset 1 und 2
Change-over contact max.: 250 VAC / 30 VDC / 5 A
Change-over contact min.: 5 VAC / 5 VDC / 10 mA
delay < 10 ms
Transistor Output
Preset 1 und 2
PNP-output 12 - 30 VDC max. 50 mA for DC supply
12 - 24 VDC max. 30 mA for AC supply
12 - 24 VDC max. 50 mA for AC with switching
power supply*"
Application Output
PNP output 12 - 30 VDC max. 20 mA at DC supply
12 - 24 VDC max. 20 mA at AC supply
Counter mode of
operation Input A,B
Unidirectional; adding or subtracting; directional input;
Differential operation, add / sub; Summation (Totalizing) add /
add;
Phase discriminator single, double or quadruple evaluation
Control Input
Reset; Gate, Hold
Application Input/
Output
Output Prescaler-out, Direction-out
Input: Reset, Gate, Keylock, Hold
COUNTER



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com