Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

721 Datasheet(PDF) 5 Page - Hengstler GmbH

Part # 721
Description  Preset Counter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HENGSTLER [Hengstler GmbH]
Direct Link  https://www.hengstler.de/en/
Logo HENGSTLER - Hengstler GmbH

721 Datasheet(HTML) 5 Page - Hengstler GmbH

  721 Datasheet HTML 1Page - Hengstler GmbH 721 Datasheet HTML 2Page - Hengstler GmbH 721 Datasheet HTML 3Page - Hengstler GmbH 721 Datasheet HTML 4Page - Hengstler GmbH 721 Datasheet HTML 5Page - Hengstler GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Data sheet signo721
23/03/2010
page 5 von 5
Preset Counter
signo 721
signo 721
ORDERING INFORMATION
Display
Relay
12 - 30 VDC
24 VAC
115 VAC
230 VAC
90 - 260 VAC(SN)
LCD transmissive red
1
0 721 201
0 721 202
LCD transmissive red
2
0 721 205
0 721 206
LCD reflective
1
0 721 301
0 721 309
0 721 332
0 721 342
0 721 302
LCD reflective
2
0 721 305
0 721 310
0 721 336
0 721 346
0 721 306
LCD transmissive positive
1
0 721 401
0 721 402
LCD transmissive positive
2
0 721 405
0 721 406
Reflective:
black digits on a bright reflecting background
Positively transmissive: black digits on an illuminated background
Negatively transmissive: red illuminated digits on a black background



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com