Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

721 Datasheet(PDF) 3 Page - Hengstler GmbH

Part # 721
Description  Preset Counter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HENGSTLER [Hengstler GmbH]
Direct Link  https://www.hengstler.de/en/
Logo HENGSTLER - Hengstler GmbH

721 Datasheet(HTML) 3 Page - Hengstler GmbH

  721 Datasheet HTML 1Page - Hengstler GmbH 721 Datasheet HTML 2Page - Hengstler GmbH 721 Datasheet HTML 3Page - Hengstler GmbH 721 Datasheet HTML 4Page - Hengstler GmbH 721 Datasheet HTML 5Page - Hengstler GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data sheet signo721
23/03/2010
page 3 von 5
Preset Counter
signo 721
signo 721
General design
IEC/EN 61 010-1
Protection Class
II; IEC/EN 61010-1
Pollution degree
2, EN 50178
EMC - Interference
immunity
EN 61326-1 industrial environment *
EMC - Emission
EN 61326-1 Class B *
Ambient
temperature
0°... 50°C EN 60 068-2-1/2
Storage
temperature
- 20°... + 65°C EN 60 068-2-1/2
Climate
40°C / 93% rel hum. class 4K4H, EN 60 068-2-78
25 - 50°C / 93% rel hum., cyclic, EN 60 068-2-38
Degree of
protection
IP 65 front side; EN 60529
IP 20 terminals
Vibration resistance 10 m/s² (10 ... 150 Hz); EN 60 068-2-6
Shock resistance
100 m/s² (18 ms); IEC 60 068-2-27
Resistence to
chemicals
Frontfoil nach DIN 42 115-2
Approvals
UL, CSA (under preparation)
RoHS
compliant
Dimensions
48 mm x 48 mm x 118 mm, installation depth 110 mm
DIN 43700
Installation
Front-panel installation with tenter (frame)
Front panel thickness max. 11 mm
Front-panel cutout
45 mm x 45 mm +0,3 mm
Weight
approx. 200 g
* For cable length > 30 m, for connection to a DC-supply- network and input level TTL and additional
protection circuit is neccessary.
ENVIRONMENT. CON. SAFETY RULES
MECHANICAL DATA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com