Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC532 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC532
Description  High Speed 2:1 Analog Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC532 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC532 Datasheet HTML 1Page - National Semiconductor (TI) CLC532 Datasheet HTML 2Page - National Semiconductor (TI) CLC532 Datasheet HTML 3Page - National Semiconductor (TI) CLC532 Datasheet HTML 4Page - National Semiconductor (TI) CLC532 Datasheet HTML 5Page - National Semiconductor (TI) CLC532 Datasheet HTML 6Page - National Semiconductor (TI) CLC532 Datasheet HTML 7Page - National Semiconductor (TI) CLC532 Datasheet HTML 8Page - National Semiconductor (TI) CLC532 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltage (+V
CC)
−0.5V to +7.0V
Negative Supply Voltage (−V
EE)
+0.5V to −7.0V
Differential Voltage between any two
GND’s
200mV
Analog Input Voltage Range
−V
EE to +VCC
Digital Input Voltage Range
−V
EE to +VCC
Output Short Circuit Duration (Output
Shorted to GND)
Infinite
Operating Temperature Range
−40˚C to +85˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Solder Duration (+300˚C)
10 sec
ESD Rating
<500V
Operating Ratings
Positive Supply Voltage (+V
CC)
+5v
Negative Supply Voltage (−V
EE)
−5.2V or −5.0V
Differential Voltage between any two
GDN’s
10mV
Analog Input Voltage Range
±2V
SELECT Input Voltage Range (TTL
Mode)
0.0V to +3.0V
SELECT Input Voltage Range (ECL
Mode)
−2.0V to 0.0V
C
COMPRange (Note 3)
5pF to 100pF
Thermal Resistance (
θ
JC)
MDIP
55˚C/W
SOIC
35˚C/W
Thermal Resistance (
θ
JA)
MDIP
100˚C/W
SOIC
105˚C/W
Electrical Characteristics
(+V
CC = +5.0V; −VEE = −5.2V; RIN =50Ω;RL = 500Ω;CCOMP = 10pF; ECL Mode, pin 6 = NC)
Symbol
Parameter
Conditions
Typ
Max/Min Ratings
(Note 2)
Units
Case Temperature
CLC532AJP/AJE
+25˚C
−40˚C
+25˚C
+85˚C
Frequency Domain Response
SSBW
-3dB Bandwidth
V
OUT <0.1VPP
190
140
140
110
MHz
LSBW
V
OUT =2VPP
45
35
35
30
MHz
Gain Flatness
V
OUT < 0.1VPP
GFP
Peaking
0.1MHz to 200MHz
0.2
0.7
0.7
0.8
dB
GFR
Rolloff
0.1MHz to 100MHz
1.0
1.8
1.8
2.6
dB
LPD
Linear Phase Deviation
DC to 100MHz
2.0
deg
DG
Differential Gain
C
COMP = 5pF; RL = 150Ω
0.05
%
DP
Differential Phase
C
COMP = 5pF; RL = 150Ω
0.01
deg
CT10
Crosstalk Rejection
2V
PP, 10MHz
80
75
75
74
dB
CT20
2V
PP, 20MHz
74
69
69
68
dB
CT30
2V
PP, 30MHz
68
63
63
62
dB
Time Domain Performance
TRS
Rise and Fall Time
0.5V Step
2.7
3.3
3.3
3.8
ns
TRL
2V Step
10
12.5
12.5
14.5
ns
TS14
Settling Time
2V Step; from 50% V
OUT
±0.0025%
35
ns
TSP
±0.01%
17
24
24
27
ns
TSS
±0.1%
13
18
18
21
ns
OS
Overshoot
2.0V Step
2556
%
SR
Slew Rate
160
130
130
110
V/µs
Switch Performance
SWT10
Channel to Channel Switching
Time (2V Step at Output)
50% SELECT to 10% V
OUT
5778
ns
SWT90
50% SELECT to 90% V
OUT
15
20
20
23
ns
ST
Switching Transient
30
mV
Distortion And Noise Performance
HD2
2nd Harmonic Distortion
2V
PP, 5MHz
80
67
67
67
dBc
HD3
3rd Harmonic Distortion
2V
PP, 5MHz
86
68
68
68
dBc
Equivalent Input Noise
SNF
Spot Noise Voltage
>1MHz
3.1
nV/
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com