Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC532 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC532
Description  High Speed 2:1 Analog Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC532 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC532 Datasheet HTML 7Page - National Semiconductor (TI) CLC532 Datasheet HTML 8Page - National Semiconductor (TI) CLC532 Datasheet HTML 9Page - National Semiconductor (TI) CLC532 Datasheet HTML 10Page - National Semiconductor (TI) CLC532 Datasheet HTML 11Page - National Semiconductor (TI) CLC532 Datasheet HTML 12Page - National Semiconductor (TI) CLC532 Datasheet HTML 13Page - National Semiconductor (TI) CLC532 Datasheet HTML 14Page - National Semiconductor (TI) CLC532 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Information (Continued)
Combining Two Signals in ADC Applications
The CLC532 is applicable in a wide range of circuits and
applications. A classic example of this flexibility is combining
two or more signals for digitization by an analog-to-digital
converter (ADC). A clear understanding of both the multi-
plexer and the ADC’S operation is needed to optimize this
configuration.
To obtain the best performance from the combination, the
output of the CLC532 must be an accurate representation of
the selected input during the ADC conversion cycle. The
time at which the ADC saples the input varies with the type is
ADC that is being used.
Subranging ADCs usually have a Track-and-Hold (T/H) at
their input. For a successful combination of the multiplexer
and the ADC, the multiplexer timing and the T/H timing must
be compatible. When the ADC is given a converter com-
mand, the T/H transitions from all caps Track mode to all
caps Hold mode. The delay between the converter com-
mand and this transition is usually specified as Aperture
Delay or as Sampling Time Offset.
To maximize the time that the multiplexer output has to
settle, and that the T/H has to acquire the signal, the multi-
plexer should begin its transition from one input to the other
immediately after the T/H transition into HOLD mode. Unfor-
tunately it is during the initial portion of the HOLD period that
a subranging ADC performs analog processing of the
sampled signal. High slew rate transitions on the input during
this time may have a detrimental effect on the conversion
accuracy.
To minimize the effects of high input slew rates, one of two
strategies that can employed. Strategy one applies when the
sampling rate of the system is below the rated speed of the
ADC. For this case, the CLC532 SELECT timing is delayed
until after the multiplexer transition takes place, while the A/D
has completed one conversion cycle and is waiting for the
next convert command. As an example, if a CLC935
(15MSPS) ADC is being used at 10MSPS, the conversion
takes place in the first 67ns after the CONVERT command.
The next 33ns are spent waiting for the next CONVERT
command. This quite period would be an ideal place to
switch the multiplexer from one channel to the next.
Strategy two involves lowering the slew rate at the input of
the ADC so that less high frequency to feed through to the
hold capacitor during HOLD mode. The CLC532 output sig-
nal can be slew limited by increasing its compensation ca-
pacitors. This approach also has the advantage of limiting
the excess noise passed through the CLC532 to the ADC.
Figure 7 shows the recommended C
COMP values as a func-
tion of ADC sample rate. Since the optimal values will
change from one ADC type to the next, this graph should be
used as a starting point for C
COMP selection. Both CCOMP
capacitors should be the same value to maintain output
symmetry.
Flash ADCs are similar to subranging ADCs in that the
sampling period is very brief. The primary difference is that
the acquisition time of a flash converter is much shorter than
that of a subranging ADC. It is only during this period that a
flash converter is susceptible to interference from a rapidly
changing analog input signal. With a flash ADC, the transi-
tion of the CLC532 output should be after the sampling
instant (”See timing diagram for ADC Aperture Delay” after
the CONVERT command).
Gain selection for an ADC
In many applications, such as RADAR, the dynamic range
requirements may exceed the accuracy requirements. Since
wide dynamic range ADC are also typically high accuracy
ADCs, this often leads the designer into wrongly selecting an
ADC which is a technical overkill and a budget buster. By
using the CLC532 as a selectable-gain stage, a less expen-
sive ADC can be used. As an example, if an application calls
for 80dB of dynamic Range and 0.05% accuracy, rather than
using a 14-bit converter, a 12-bit converter combined with
the circuit in
Figure 8 will meet the same objective. The
CLC532 is used to select between the analog input signal
and a version of the input signal attenuated by 12dB. The
circuit affords 14-bit dynamic range, 12-bit accuracy and
12-bit ease of implementation.
Sample Rate (MSPS)
10
11
12
13
14
15
16
17
18
19
20
50
45
40
35
30
25
20
15
10
5
DS012716-43
FIGURE 7. Recommend C
COMP vs. ADC Sample Rate
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com