Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC532 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC532
Description  High Speed 2:1 Analog Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC532 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CLC532 Datasheet HTML 7Page - National Semiconductor (TI) CLC532 Datasheet HTML 8Page - National Semiconductor (TI) CLC532 Datasheet HTML 9Page - National Semiconductor (TI) CLC532 Datasheet HTML 10Page - National Semiconductor (TI) CLC532 Datasheet HTML 11Page - National Semiconductor (TI) CLC532 Datasheet HTML 12Page - National Semiconductor (TI) CLC532 Datasheet HTML 13Page - National Semiconductor (TI) CLC532 Datasheet HTML 14Page - National Semiconductor (TI) CLC532 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application Information (Continued)
Full Wave Rectifier Circuit
The use of a diode rectifierintroduces significant distortion
for signals that are small compared to the diode forward bias
voltage. Therefore, when low distortion performance is
needed, standard diode based circuits do not work well. The
CLC532 can be configured to provide a very low distortion
full wave rectifier. The circuit in
Figure 9 is used to select
between an analog input signal and an inverted version of
the input signal. The resulting output exhibits very little dis-
tortion for small scale signals up to several hundred
kilohertz.
Use of the CLC532 as a Mixer
A double balanced diode bridge mixer, as shown in
Figure
10, operates by multiplying the RFsignal input by the LO
input signal . This is done by using the LO signal phase to
select either the forward or reverse path through the diode
bridge. The result is an output where IF=RF when LO>0 and
IF=−RF for LO<0. The same function can be obtained with-
the CLC532 circuit shown in
Figure 11. The CLC532 based
circuit uses a digital LO making system design easier in
those cases where the LO is digitally derived. Another ad-
vantage of the CLC532 based approach is excellent isolation
between all three ports. (See the RF design awards article
by Thomas Hack in January 1993 of RF Design.)
CLC532
µ
F
Gain
SELECT
0.1 F
F
µ
R
48.7
5
IN
B
8
10
6
9
IN
A
4
3
2
1
7
13
14
12
DGND
-5.2V
0.1
µF
+5V
D
REF
11
µ
+6.8
+6.8
10pF
10pF
50
Ω
50
Ω
OUT
Ω
50
Ω
To
Load
50
Ω
To
Source
Ω
200
Ω
66.6
0
Ω
To
Source
Input
R7
R6
R
INB
DS012716-44
FIGURE 8. Selectable Gain Stage Improves ADC Dynamic Range
10114
50
Ω
50
Ω
50
Ω
50
Ω
-2V
R
L
IN
B
IN
A
V
OUT
CLC532
V
BB
0.1
µF
+1
-1
+20
RECTIFIER
INPUT
Zero Crossing
Tr eshold
Detector
DS012716-45
FIGURE 9. Low Distortion Full Wave Rectifier
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com