Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L484 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L484
Description  MAGNETIC PICKUP IGNITION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L484 Datasheet(HTML) 1 Page - STMicroelectronics

  L484 Datasheet HTML 1Page - STMicroelectronics L484 Datasheet HTML 2Page - STMicroelectronics L484 Datasheet HTML 3Page - STMicroelectronics L484 Datasheet HTML 4Page - STMicroelectronics L484 Datasheet HTML 5Page - STMicroelectronics L484 Datasheet HTML 6Page - STMicroelectronics L484 Datasheet HTML 7Page - STMicroelectronics L484 Datasheet HTML 8Page - STMicroelectronics L484 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
®
L484
September 2003
MAGNETIC PICKUP IGNITION CONTROLLER
.
DIRECT DRIVING OF THE EXTERNAL DAR-
LINGTON
.
OPERATES WITH A WIDE RANGE OF MAG-
NETIC PICKUP TYPES
.
CHARGING ANGLE (DWELL) CONTROL
.
COIL CURRENT PEAK LIMITATION
.
CONTINUOUS COIL CURRENT PROTECTION
.
TACHOMETER SIGNAL OUTPUT
.
EXTERNAL DARLINGTON OVERVOLTAGE
PROTECTION
.
LOAD DUMP AND REVERSE BATTERY PRO-
TECTION
.
POSSIBILITY OF SPARK POINT DELAYING
(ANTI KNOCK SYSTEM)
DESCRIPTION
The L484 is an integrated circuit designed for use
with an NPN darlington in breakerless ignition sys-
tems with magnetic pickup sensors and high energy
ignition coils.
A key feature of the L484 is flexibility. It can be used
with a wide variety of magnetic sensors thanks to the
special design which has two input pins from the
pickup ; the first is the zero crossing detector for the
ignition command and the second pin is used to cal-
culate the dwell time. Moreover another pin is used
to adapt the L484 to various pickup types.
Other features of the device include darlington over-
voltage protection, dump protection, a supply volt-
age range of 6-28 V.
DIP16
ORDERING NUMBERS : L484 (DIP16)
L484D1 (SO16)
SO16
BLOCK DIAGRAM
1/11


Similar Part No. - L484

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4805 STMICROELECTRONICS-L4805 Datasheet
138Kb / 7P
VERY LOWDROP VOLTAGE REGULATORS
Mar-1992
L4805-L4885-L4892 STMICROELECTRONICS-L4805-L4885-L4892 Datasheet
138Kb / 7P
VERY LOWDROP VOLTAGE REGULATORS
Mar-1992
L4805CV STMICROELECTRONICS-L4805CV Datasheet
138Kb / 7P
VERY LOWDROP VOLTAGE REGULATORS
Mar-1992
L4805CX STMICROELECTRONICS-L4805CX Datasheet
138Kb / 7P
VERY LOWDROP VOLTAGE REGULATORS
Mar-1992
L4808 STMICROELECTRONICS-L4808 Datasheet
138Kb / 7P
VERY LOWDROP VOLTAGE REGULATORS
Mar-1992
More results

Similar Description - L484

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L482 STMICROELECTRONICS-L482 Datasheet
169Kb / 11P
HALL.EFFECT PICKUP IGNITION CONTROLLER
Nov-1991
L497 STMICROELECTRONICS-L497 Datasheet
106Kb / 11P
HALL EFFECT PICKUP IGNITION CONTROLLER
Mar-1998
logo
Texas Instruments
UC1838A TI-UC1838A Datasheet
270Kb / 5P
Magnetic Amplifier Controller
logo
Cherry Semiconductor Co...
CS290 CHERRY-CS290 Datasheet
110Kb / 4P
Ignition Controller
Rev. 3/8/99
logo
Advanced Micro Devices
AM95C95 AMD-AM95C95 Datasheet
295Kb / 6P
Magnetic Disk Controller
logo
Texas Instruments
UC2838N TI-UC2838N Datasheet
343Kb / 11P
MAGNETIC AMPLIFIER CONTROLLER
logo
Unisonic Technologies
UL497 UTC-UL497 Datasheet
198Kb / 8P
HALL EFFECT PICKUP IGNITION CONTROLLER
UL497 UTC-UL497_15 Datasheet
198Kb / 8P
HALL EFFECT PICKUP IGNITION CONTROLLER
logo
Mallory performance clu...
PN4248 MALLORY-PN4248 Datasheet
641Kb / 8P
MSD Blaster FI Fuel/Ignition Controller
PN7555 MALLORY-PN7555 Datasheet
227Kb / 2P
Inductive Sync Pickup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com