Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L484 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L484
Description  MAGNETIC PICKUP IGNITION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L484 Datasheet(HTML) 3 Page - STMicroelectronics

  L484 Datasheet HTML 1Page - STMicroelectronics L484 Datasheet HTML 2Page - STMicroelectronics L484 Datasheet HTML 3Page - STMicroelectronics L484 Datasheet HTML 4Page - STMicroelectronics L484 Datasheet HTML 5Page - STMicroelectronics L484 Datasheet HTML 6Page - STMicroelectronics L484 Datasheet HTML 7Page - STMicroelectronics L484 Datasheet HTML 8Page - STMicroelectronics L484 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PIN FUNCTIONS (refer to fig. 2)
N
°
Name
Function
1
CURRENT SENSING
INPUT
Connection for Coil Current Limitation. The current is measured on the
sense resistor RSENS and divided on R1/R2. The current limitation value is
given by :
ISENS
=
R1
+ R2
RSENS R2
2
PICKUP INPUT
Magnetic Pickup Signal Input. This pin sets the dwell time,
i.e. the max
negative pickup voltage value starting from which the device can drive the
current into the coil. The real dwell time will be a function of the dwell
control logic. Increasing the resistor R11 the maximum conduction time
increases. The max input current foreseen is 2mA.
3
PERMANENT
CONDUCT.
PROTECTION TIMER
A capacitor C1 connected between this pin and ground sets the delay of the
permanent conduction protection in the coil current. Using a 50nF capacitor
the typical desaturation time delay for the protection is 75ms.
4
PERMANENT CONDUCT.
PROTECTION INHIBIT
A low level on this input (max 0.7V) disables the protection, irrespective of
the state of pin 3. If the protection is used this pin must be left open.
5
RPM OUTPUT
Open collector output signal which is at a low level when the final darlington
is in ON status. The current is internally limited at 10mA.
6
DWELL TIME ADJUST
At high motor rotation speeds,
i.e. when the peak value of the magnetic
pick-up signal exceedes 6V using R12 = 100K
Ω, this pin may be used to
vary the dwell ratio. Adding a resistor in series Ra between this pin and pin
11 the desaturation time is reduced. It is therefore possible to use this pin to
adapt the L484 to various pickup types. The maximum value of the resistor
Ra is 200K
Ω.
7
DWELL CONTROL
TIMER
A capacitor C2 connected between this pin and ground sets the timing for
the dwell control. The recommended value is 100nF. The resistors Rb/Rc
provide an hysteresis to confirm ON state and avoid spurious sparks.
8
ZERO CROSSING
INPUT
Zero cross detector input of the magnetic pickup signal for the ignition
actuation. At high motor rotation speeds, the external resistor R12 may be
used to vary the
desaturation time ratio,
to adapt the L484 to various
signal waveforms of time magnetic pick-up. Reducing the resistor value the
dwell time increases. Typically the range of values for resistor R12 is from
50K
Ω to 150KΩ..
9
POWER-ON INPUT
A low level on this pin forces the external darlington into conduction
particularly useful in anti knock system. This function is particularly useful in
antiknock system because provides a spark time delay. Anyway the current
limitation,
the permanent conduction protection and the dump protection
are operating even when pin 9 is at a low level. If this function is not used it
must be left open.
10
SIGNAL GROUND
This pin must be connected to ground.
11
POWER SUPPLY
Supply Voltage Input. A 7V (typ) zener is present at the input. The external
resistor R9 limits the current through the zener for higher supply voltages.
12
DUMP PROTECTION
The device is protected against the load dump. In load dump condition an
internal circuit,
based on a zener diode and a darlington transistor,
switches off the external darlington and short circuits the supply.
By means of the external divider R8/R9 the protection threshold can be
changed and is given as first approximation by:
VDth
= 8.5
R8
+ R9
R9
+ 5 ⋅ 10−4 R8
(the resistor R9 value must be higher than 4K
Ω).
* this function is particularly useful in antiknock systeme because provides a spark time delay. anyway the current limitation, the pemanent con
duction protection and the dump protection are operating even when pin 9 is at a low level.
L484
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com