Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L484 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L484
Description  MAGNETIC PICKUP IGNITION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L484 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L484 Datasheet HTML 2Page - STMicroelectronics L484 Datasheet HTML 3Page - STMicroelectronics L484 Datasheet HTML 4Page - STMicroelectronics L484 Datasheet HTML 5Page - STMicroelectronics L484 Datasheet HTML 6Page - STMicroelectronics L484 Datasheet HTML 7Page - STMicroelectronics L484 Datasheet HTML 8Page - STMicroelectronics L484 Datasheet HTML 9Page - STMicroelectronics L484 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DARLINGTON OVERVOLTAGE LIMITATION
The darlington is protected against overvoltage by
means of an external divider R5 /R6 (pin 15) and an
internal zener. This zener drives the external dar-
lington in order to limit the collector voltage.
CHARGING ANGLE SIGNAL OUTPUT
This signal is intended for tachometer applications
(pin 5). It consists of an open collector stage with
current internally limited at 10mA
"POWER ON" SIGNAL INPUT
In the low status this input forces the external dar-
lington into conduction (pin 9). This control input can
be used together with the conduction time informa-
tion coming from pin 5 to bypass the normal dwell
time calculation. When an external logic control is
used to recognize particular engine condition (as in
anti Knock system).
PROTECTION CIRCUITS
PERMANENT CONDUCTION PROTECTION
This function is intended to prevent continuous cur-
rent conduction in the final stage when the magnetic
pickup is open or intermittent. The duration of the in-
tervention is set by means of a capacitor 1 at pin 3.
Grounding pins 3 or 4, this protection is eliminated.
The inhibit function at pin 4 is particularly useful
when an external logic control is used to disable the
permanent conduction protection.
REVERSE BATTERY AND DUMP PROTECTION
Due to the external resistors R6, R7, R8, R10 the de-
vice is protected against reverse battery. The load
dump protection withstands up to 100V with a decay
time
≤ 300ms. The intervention threshold for load
dump is fixed by means of an external divider con-
nected to pin 11.
OTHER APPLICATION INFORMATION
If the supply is voltage disconnected - or the battery
wire is broken - while the current is flowing through
the coil, the external diode D1 keeps the coil current
from recirculating into the device : in this way both
device and darlington are protected.
The zener diode Dz, connected between pin 14 and
GND, allows to withstand positive spikes up to 200V.
The device - used in the recommended application
circuit - satisfies the ISO/DP 7637/1 overvoltage
standard.
Figure 1 : Typical Magnetic Pick–up Waveform and L484 Response at low and high
fequency.
L484
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com