Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHVC Datasheet(PDF) 1 Page - TT Electronics.

Part # GHVC
Description  Green High Voltage Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

GHVC Datasheet(HTML) 1 Page - TT Electronics.

  GHVC Datasheet HTML 1Page - TT Electronics. GHVC Datasheet HTML 2Page - TT Electronics. GHVC Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions (mm) & weight (mg)
L
W
T
A
B min
C
Wt. nom
1206
3.2±0.2
1.6±0.2
0.6±0.1
0.35±0.2
1.95
0.35±0.2
10
2010
5.1±0.3
2.5±0.2
0.7±0.1
0.45±0.2
3.7
0.4±0.25
35
2512
6.5±0.3
3.2±0.2
0.7±0.1
0.45±0.2
5
0.4±0.2
55
Green High Voltage
Chip Resistors
GHVC Series
Completely free of Pb and its compounds
RoHS compliant without exemption
Anti-sulphur construction
Continuous voltages up to 3kV
Overload voltages up to 4kV
Sizes 1206 to 2512
Resistors
10.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
1206
2010
2512
Notes
Power rating @70°C
watts
0.3
0.5
1
Limiting element voltage
volts
1000
2000
3000
DC or AC peak
Overload voltage (2s)
volts
1500
3000
4000
Resistance range
ohms
25K to 100M
Resistance tolerance
%
1,2,5,10
1206: 1% available
up to 10M only
TCR
ppm/°C
100
Ambient temperature range
°C
-55 to +125
Values
E24 & E96 preferred
Thermal Impedance
°C/W
200
80
70
Electrical Data
Physical Data
Wrap-around terminations (3 faces)
A
A
L
W
T
B
C
Construction
Resistive thick film material, overglaze and organic protection
are screen printed on a 96% alumina substrate. The design and
laser adjustment of the resistive element optimises the limiting
element voltage of the resistor.
Terminations
The chips are supplied with Pb-free wrap-around terminations
suitable for soldering.
Solderability
The terminations have an electroplated nickel barrier and tin
finish. This ensures excellent ‘leach’ resistance properties and
solderability.
Marking
The body protection is resistant to all normal cleaning solvents
suitable for printed circuits. The chips are not marked and the rel-
evant information on type, value, tolerance date code and quantity
are recorded on the reel.


Similar Part No. - GHVC

ManufacturerPart #DatasheetDescription
logo
Sanken electric
GHV SANKEN-GHV Datasheet
340Kb / 3P
TV/Microwave Oven
logo
List of Unclassifed Man...
GHV-02SSN ETC1-GHV-02SSN Datasheet
166Kb / 3P
FOR TV / MICROWAVE OVEN
logo
Sanken electric
GHV-02SSN SANKEN-GHV-02SSN Datasheet
340Kb / 3P
TV/Microwave Oven
logo
List of Unclassifed Man...
GHV-06SSN ETC1-GHV-06SSN Datasheet
166Kb / 3P
FOR TV / MICROWAVE OVEN
logo
Sanken electric
GHV-06SSN SANKEN-GHV-06SSN Datasheet
340Kb / 3P
TV/Microwave Oven
More results

Similar Description - GHVC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
175Kb / 2P
High Voltage Chip Resistors
02-Oct-14
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
High Voltage Chip Resistors
logo
IRC - a TT electronics ...
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
High Voltage Chip Resistors
logo
Rohm
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
High Voltage Resistance Chip Resistors
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
High Voltage Resistance Chip Resistors
logo
YAGEO Corporation
RV0603DR-0710KL YAGEO-RV0603DR-0710KL Datasheet
928Kb / 9P
HIGH VOLTAGE CHIP RESISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com