Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHVC Datasheet(PDF) 2 Page - TT Electronics.

Part # GHVC
Description  Green High Voltage Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

GHVC Datasheet(HTML) 2 Page - TT Electronics.

  GHVC Datasheet HTML 1Page - TT Electronics. GHVC Datasheet HTML 2Page - TT Electronics. GHVC Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General Note
TT Electronics reserves the right to make changes in product specifica�on without no�ce or liability.
All informa�on is subject to TT Electronics’ own data and is considered accurate at �me of going to print.
BI Technologies IRC Welwyn
h�p://www.�electronics.com/resistors
© TT Electronics plc
10.18
Green High Voltage
Chip Resistors
GHVC Series
0
1
2
3
4
5
6
7
8
0.01
0.1
1
10
100
Resistance Value (M )
Lightning Strike Performance
2512-1.2/50µs
2010-1.2/50µs
1206-1.2/50µs
2512-10/700µs
2010-10/700µs
1206-10/700µs
Performance Data
Maximum
Typical
Load at rated power: 1000 hours rated load @ 70°C
ΔR%
1206: 2
1206: 1
2010/2512: 1
2010/2512: 0.25
Shelf life test: 12 months at room temperature
ΔR%
0.3
0.04
Dera�ng from rated power at 70°C
Zero at 125°C
Short term overload: Lesser of 6.25 x rated power or maximum overload voltage
ΔR%
2
0.2
Lightning strike: 1.2/50µs & 10/700µs - see graph for peak voltage
ΔR%
0.5
0.2
Dry heat: 1000 hours at 125°C
ΔR%
0.5
0.1
Long term damp heat
ΔR%
1
0.25
Temperature rapid change
ΔR%
0.5
0.1
Resistance to solder heat
ΔR%
0.25
0.05
Resistance to sulphur-bearing gas: ASTM-B-809
0.25
0.05
Voltage proof
volts
500
Voltagecoefficient of resistance
ppm/V
1206:-25
1206:-15
2010:-15
2010:-5
2512:-5
2512:-1.5
Applica�on Notes
GHVCresistors areideallysuited for handling byautoma�c methods due
to their rectangular shape and the small dimensional tolerances.
Electrical connec�on to a ceramic substrate or to a printed circuit board
can be made by reflow or wave soldering of wrap-around termina�ons.
Wrap-around termina�ons provide good leach proper�es and ensure
reliable contact. Due to the robust construc�on, the GHVC can be
immersed in the solder bath for 30 seconds at 260°C. This enables the
resistor to be mounted on one side of a printed circuit board and wire-
leaded components applied on the other side.
GHVC resistors themselves can operate at a maximum temperature
of 125°C (see performance above). For soldered resistors, the joint
temperature should not exceed 110°C. This condi�on is met when the
stated power levels at 70°C are used.
The PCB layout should avoid tracks running between the GHVC moun�ng
pads, as this would compromise the LEV.
The LEV stated applies to opera�on at sea-level pressure, in a non-
condensing atmosphere and non-contamina�ng environment. Voltage
dera�ng should be applied if low pressure, high humidity or
contamina�on may be encountered. The termina�on clearance dimension
(B) should be used in conjunc�on with the creepage limit applicable to the
circuit applica�on in order to determine the derated LEV.
0
500
1000
1500
2000
2500
3000
3500
0.01
0.1
1
10
100
Resistance Value (M )
Maximum Con�nuous Voltage
GHVC2512
GHVC2010
GHVC1206
General Note
TT Electronics reserves the right to make changes in product specifica�on without no�ce or liability.
All informa�on is subject to TT Electronics’ own data and is considered accurate at �me of going to print.
BI Technologies IRC Welwyn
h�p://www.�electronics.com/resistors
© TT Electronics plc
10.18
Green High Voltage
Chip Resistors
GHVC Series
0
1
2
3
4
5
6
7
8
0.01
0.1
1
10
100
Resistance Value (M )
Lightning Strike Performance
2512-1.2/50µs
2010-1.2/50µs
1206-1.2/50µs
2512-10/700µs
2010-10/700µs
1206-10/700µs
Performance Data
Maximum
Typical
Load at rated power: 1000 hours rated load @ 70°C
ΔR%
1206: 2
1206: 1
2010/2512: 1
2010/2512: 0.25
Shelf life test: 12 months at room temperature
ΔR%
0.3
0.04
Dera�ng from rated power at 70°C
Zero at 125°C
Short term overload: Lesser of 6.25 x rated power or maximum overload voltage
ΔR%
2
0.2
Lightning strike: 1.2/50µs & 10/700µs - see graph for peak voltage
ΔR%
0.5
0.2
Dry heat: 1000 hours at 125°C
ΔR%
0.5
0.1
Long term damp heat
ΔR%
1
0.25
Temperature rapid change
ΔR%
0.5
0.1
Resistance to solder heat
ΔR%
0.25
0.05
Resistance to sulphur-bearing gas: ASTM-B-809
0.25
0.05
Voltage proof
volts
500
Voltagecoefficient of resistance
ppm/V
1206:-25
1206:-15
2010:-15
2010:-5
2512:-5
2512:-1.5
Applica�on Notes
GHVCresistors areideallysuited for handling byautoma�c methods due
to their rectangular shape and the small dimensional tolerances.
Electrical connec�on to a ceramic substrate or to a printed circuit board
can be made by reflow or wave soldering of wrap-around termina�ons.
Wrap-around termina�ons provide good leach proper�es and ensure
reliable contact. Due to the robust construc�on, the GHVC can be
immersed in the solder bath for 30 seconds at 260°C. This enables the
resistor to be mounted on one side of a printed circuit board and wire-
leaded components applied on the other side.
GHVC resistors themselves can operate at a maximum temperature
of 125°C (see performance above). For soldered resistors, the joint
temperature should not exceed 110°C. This condi�on is met when the
stated power levels at 70°C are used.
The PCB layout should avoid tracks running between the GHVC moun�ng
pads, as this would compromise the LEV.
The LEV stated applies to opera�on at sea-level pressure, in a non-
condensing atmosphere and non-contamina�ng environment. Voltage
dera�ng should be applied if low pressure, high humidity or
contamina�on may be encountered. The termina�on clearance dimension
(B) should be used in conjunc�on with the creepage limit applicable to the
circuit applica�on in order to determine the derated LEV.
0
500
1000
1500
2000
2500
3000
3500
0.01
0.1
1
10
100
Resistance Value (M )
Maximum Con�nuous Voltage
GHVC2512
GHVC2010
GHVC1206
Green High Voltage
Chip Resistors
GHVC Series
Maximum
Typical
Load at rated power: 1000 hours rated load @ 70°C
ΔR%
1206: 2
1206: 1
2010/2512: 1
2010/2512: 0.25
Shelf life test: 12 months at room temperature
ΔR%
0.3
0.04
Derating from rated power at 70°C
ΔR%
Zero at 125°C
Short term overload: Lesser of 6.25 x rated power or maximum overload voltage
ΔR%
2
0.2
Lightning strike: 1.2/50µs & 10/700µs - see graph for peak voltage
ΔR%
0.5
0.2
Dry heat: 1000 hours at 125°C
ΔR%
0.5
0.1
Long term damp heat
ΔR%
1
0.25
Temperature rapid change
ΔR%
0.5
0.1
Resistance to solder heat
ΔR%
0.25
0.05
Resistance to sulphur-bearing gas: ASTM-B-809
0.25
0.05
Voltage proof
volts
500
Voltage coefficient of resistance
ppm/V
1206: -25
1206: -15
2010: -15
2010: -5
2512: -5
2512: -1.5
10.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
GHVC resistors are ideally suited for handling by automatic meth-
ods due to their rectangular shape and the small dimensional
tolerances. Electrical connection to a ceramic substrate or to a
printed circuit board can be made by reflow or wave soldering of
wrap-around terminations.
Wrap-around terminations provide good leach properties and
ensure reliable contact. Due to the robust construction, the
GHVC can be immersed in the solder bath for 30 seconds at
260°C. This enables the resistor to be mounted on one side of
a printed circuit board and wire-leaded components applied on
the other side.
GHVC resistors themselves can operate at a maximum tempera-
ture of 125°C (see performance above). For soldered resistors, the
joint temperature should not exceed 110°C. This condition is met
when the stated power levels at 70°C are used.
The PCB layout should avoid tracks running between the GHVC
mounting pads, as this would compromise the LEV.
The LEV stated applies to operation at sea-level pressure, in a
non-condensing atmosphere and non-contaminating environment.
Voltage derating should be applied if low pressure, high humidity
or contamination may be encountered. The termination clearance
dimension (B) should be used in conjunction with the creepage
limit applicable to the circuit application in order to determine the
derated LEV.
Performance Data
Application Notes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com