Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHVC Datasheet(PDF) 3 Page - TT Electronics.

Part # GHVC
Description  Green High Voltage Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

GHVC Datasheet(HTML) 3 Page - TT Electronics.

  GHVC Datasheet HTML 1Page - TT Electronics. GHVC Datasheet HTML 2Page - TT Electronics. GHVC Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GHVC Series
10.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Green High Voltage
Chip Resistors
GHVC Resistors are supplied taped and reeled as per IEC 286-3.
Example: GHVC2512-1M0FT18 (2512, 1 megohm, ±1%, 1800 pcs on a reel, Pb-free)
Packaging
Ordering Procedure
Tape and reel dimensions (mm)
Qty.
per
reel
Wr
W
P1
P0
P2
D0
D1
E
F
A0
B0
K0
T
T1
T2
±0.5
±0.3
±0.1
±0.1 ±0.05 ±0.1
±0.2
±0.1 ±0.05 ±0.1
±0.1
±0.1 ±0.05 Nom. ±0.15
1206
9
8
4
4
2
1.5
1
1.75
3.5
1.95
3.55
1.0
0.2
0.05
1.3
3000
2010
13
12
4
4
2
1.5
1.5
1.75
5.5
2.79
5.89
0.91
0.28
0.06
1.21 3000
2512
13
12
8
4
2
1.5
1.5
1.75
5.5
3.61
6.96
1.17
0.28
0.06
1.45 1800
Green High Voltage
Chip Resistors
GHVC Series
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
http://www.ttelectronics.com/resistors
© TT Electronics plc
10.18
Packaging
GHVC Resistors are supplied taped and reeled as per IEC 286-3.
Marking
(Both sides)
33  1.0
Wr
13  0.5
2.5  0.5
0.8  0.15
Ordering Procedure
Example: GHVC2512-1M0FT18 (2512, 1 megohm, ±1%, 1800 pcs on a reel, Pb-free)
G H V C 2
5
1
2
-
1 M 0
F T
1 8
1
2
3
4
5
1
Type
2
Size
3
Value
4
Tolerance
5
Packing
GHVC 1206 E24 = 3/4 characters
E96 = 3/4 characters
K = kilohms
M = megohms
F = ±1% T3 1206, 2010 3000/reel
2010
G = ±2% T18
2512
1800/reel
2512
J = ±5%
K = ±10%
General Note
TT Electronics reservesthe right to make changes in product specification without notice or liability.
BI Technologies IRC Welwyn
P0
P2
P1
Tape and reel dimensions (mm)
Qty.
per
reel
Wr
W
P1
P0
P2
D0
D1
E
F
A0
B0
K0
T
T1
T2
±0.5
±0.3
±0.1
±0.1
±0.05
±0.1
±0.2
±0.1
±0.05
±0.1
±0.1
±0.1
±0.05
Nom. ±0.15
1206
9
8
4
4
2
1.5
1
1.75
3.5
1.95
3.55
1.0
0.2
0.05
1.3
3000
2010
13
12
4
4
2
1.5
1.5
1.75
5.5
2.79
5.89
0.91
0.28
0.06
1.21
3000
2512
13
12
8
4
2
1.5
1.5
1.75
5.5
3.61
6.96
1.17
0.28
0.06
1.45
1800
Green High Voltage
Chip Resistors
GHVC Series
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
http://www.ttelectronics.com/resistors
© TT Electronics plc
10.18
Packaging
GHVC Resistors are supplied taped and reeled as per IEC 286-3.
Marking
(Both sides)
33  1.0
Wr
13  0.5
2.5  0.5
0.8  0.15
Ordering Procedure
Example: GHVC2512-1M0FT18 (2512, 1 megohm, ±1%, 1800 pcs on a reel, Pb-free)
G H V C 2
5
1
2
-
1 M 0
F T
1 8
1
2
3
4
5
1
Type
2
Size
3
Value
4
Tolerance
5
Packing
GHVC 1206 E24 = 3/4 characters
E96 = 3/4 characters
K = kilohms
M = megohms
F = ±1% T3 1206, 2010 3000/reel
2010
G = ±2% T18
2512
1800/reel
2512
J = ±5%
K = ±10%
General Note
TT Electronics reservesthe right to make changes in product specification without notice or liability.
BI Technologies IRC Welwyn
P0
P2
P1
Tape and reel dimensions (mm)
Qty.
per
reel
Wr
W
P1
P0
P2
D0
D1
E
F
A0
B0
K0
T
T1
T2
±0.5
±0.3
±0.1
±0.1
±0.05
±0.1
±0.2
±0.1
±0.05
±0.1
±0.1
±0.1
±0.05
Nom. ±0.15
1206
9
8
4
4
2
1.5
1
1.75
3.5
1.95
3.55
1.0
0.2
0.05
1.3
3000
2010
13
12
4
4
2
1.5
1.5
1.75
5.5
2.79
5.89
0.91
0.28
0.06
1.21
3000
2512
13
12
8
4
2
1.5
1.5
1.75
5.5
3.61
6.96
1.17
0.28
0.06
1.45
1800
Green High Voltage
Chip Resistors
GHVC Series
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
http://www.ttelectronics.com/resistors
© TT Electronics plc
10.18
Packaging
GHVC Resistors are supplied taped and reeled as per IEC 286-3.
Marking
(Both sides)
33  1.0
Wr
13  0.5
2.5  0.5
0.8  0.15
Ordering Procedure
Example: GHVC2512-1M0FT18 (2512, 1 megohm, ±1%, 1800 pcs on a reel, Pb-free)
G H V C 2
5
1
2
-
1 M 0
F T
1 8
1
2
3
4
5
1
Type
2
Size
3
Value
4
Tolerance
5
Packing
GHVC 1206 E24 = 3/4 characters
E96 = 3/4 characters
K = kilohms
M = megohms
F = ±1% T3 1206, 2010 3000/reel
2010
G = ±2% T18
2512
1800/reel
2512
J = ±5%
K = ±10%
General Note
TT Electronics reservesthe right to make changes in product specification without notice or liability.
BI Technologies IRC Welwyn
P0
P2
P1
Tape and reel dimensions (mm)
Qty.
per
reel
Wr
W
P1
P0
P2
D0
D1
E
F
A0
B0
K0
T
T1
T2
±0.5
±0.3
±0.1
±0.1
±0.05
±0.1
±0.2
±0.1
±0.05
±0.1
±0.1
±0.1
±0.05
Nom. ±0.15
1206
9
8
4
4
2
1.5
1
1.75
3.5
1.95
3.55
1.0
0.2
0.05
1.3
3000
2010
13
12
4
4
2
1.5
1.5
1.75
5.5
2.79
5.89
0.91
0.28
0.06
1.21
3000
2512
13
12
8
4
2
1.5
1.5
1.75
5.5
3.61
6.96
1.17
0.28
0.06
1.45
1800
Green High Voltage
Chip Resistors
GHVC Series
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
http://www.ttelectronics.com/resistors
© TT Electronics plc
10.18
Packaging
GHVC Resistors are supplied taped and reeled as per IEC 286-3.
Marking
(Both sides)
33  1.0
Wr
13  0.5
2.5  0.5
0.8  0.15
Ordering Procedure
Example: GHVC2512-1M0FT18 (2512, 1 megohm, ±1%, 1800 pcs on a reel, Pb-free)
G H V C 2
5
1
2
-
1 M 0
F T
1 8
1
2
3
4
5
1
Type
2
Size
3
Value
4
Tolerance
5
Packing
GHVC 1206 E24 = 3/4 characters
E96 = 3/4 characters
K = kilohms
M = megohms
F = ±1% T3 1206, 2010 3000/reel
2010
G = ±2% T18
2512
1800/reel
2512
J = ±5%
K = ±10%
General Note
TT Electronics reservesthe right to make changes in product specification without notice or liability.
BI Technologies IRC Welwyn
P0
P2
P1
Tape and reel dimensions (mm)
Qty.
per
reel
Wr
W
P1
P0
P2
D0
D1
E
F
A0
B0
K0
T
T1
T2
±0.5
±0.3
±0.1
±0.1
±0.05
±0.1
±0.2
±0.1
±0.05
±0.1
±0.1
±0.1
±0.05
Nom. ±0.15
1206
9
8
4
4
2
1.5
1
1.75
3.5
1.95
3.55
1.0
0.2
0.05
1.3
3000
2010
13
12
4
4
2
1.5
1.5
1.75
5.5
2.79
5.89
0.91
0.28
0.06
1.21
3000
2512
13
12
8
4
2
1.5
1.5
1.75
5.5
3.61
6.96
1.17
0.28
0.06
1.45
1800



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com