Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS372 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS372
Description  Low power dual CMOS voltage comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS372 Datasheet(HTML) 3 Page - STMicroelectronics

  TS372_V01 Datasheet HTML 1Page - STMicroelectronics TS372_V01 Datasheet HTML 2Page - STMicroelectronics TS372_V01 Datasheet HTML 3Page - STMicroelectronics TS372_V01 Datasheet HTML 4Page - STMicroelectronics TS372_V01 Datasheet HTML 5Page - STMicroelectronics TS372_V01 Datasheet HTML 6Page - STMicroelectronics TS372_V01 Datasheet HTML 7Page - STMicroelectronics TS372_V01 Datasheet HTML 8Page - STMicroelectronics TS372_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TS372
Absolute maximum ratings and operating conditions
Doc ID 4068 Rev 2
3/10
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC+
Supply voltage(1) (2)
1.
Maximum power supply voltage when the comparator is not switching.
2.
All voltage values, except differential voltage, are with respect to network ground terminal.
18
V
Vid
Differential input voltage (3)
3.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±18
V
Vi
Input voltage (4)
4.
The magnitude of the input and the output voltages must never exceed the magnitude of the positive
supply voltage.
18
V
Vo
Output voltage
18
V
Io
Output current
20
mA
IF
Forward current in ESD protection diodes on input (5)
5.
Guaranteed by design.
50
mA
Duration of output circuit to GND (6)
6.
Short-circuit from outputs to Vcc+ can cause excessive heating and eventual destruction.
Infinite
pd
Power dissipation (7)
DIP8
SO8
7.
Pd is calculated with Tamb = +25°C, Tj = +150°C and Rthja = 100°C/W for DIP8 package = 175°C/W for
SO-8 package.
1250
710
mW
Tstg
Storage temperature range
-65 to +150
°C
Tj
Junction temperature
+150
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC+
Supply voltage
3 to 16
V
Vicm
Input common-mode voltage range(1)
Tamb = 25°C
Tmin ≤Tamb ≤Tmax TS372C
TS372I/TS372M
1.
And input voltages < = 12 V.
VCC
+ -2
VCC
+ -2.25
VCC
+ -2.5
V
Toper
Operating free-air temperature range
TS372C
TS372I
TS372M
0 to +70
-40 to +125
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com