Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS372 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS372
Description  Low power dual CMOS voltage comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS372 Datasheet(HTML) 1 Page - STMicroelectronics

  TS372_V01 Datasheet HTML 1Page - STMicroelectronics TS372_V01 Datasheet HTML 2Page - STMicroelectronics TS372_V01 Datasheet HTML 3Page - STMicroelectronics TS372_V01 Datasheet HTML 4Page - STMicroelectronics TS372_V01 Datasheet HTML 5Page - STMicroelectronics TS372_V01 Datasheet HTML 6Page - STMicroelectronics TS372_V01 Datasheet HTML 7Page - STMicroelectronics TS372_V01 Datasheet HTML 8Page - STMicroelectronics TS372_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
April 2011
Doc ID 4068 Rev 2
1/10
10
TS372
Low power dual CMOS voltage comparator
Features
■ Wide single supply range or dual supplies 3 V
to 16 V or ±1.5 V to ±8 V
■ Very low supply current: 0.1 mA/comparator
independent of supply voltage
■ Extremely low input bias current: 1 pA typ
■ Extremely low input offset currents: 1 pA typ
■ Low input offset voltage
■ Input common-mode voltage range includes
GND
■ Low output saturation voltage 150 mV typical
■ Output compatible with TTL, MOS and CMOS
■ High input impedance: 1012
Ω typical
■ Fast response time: 200 ns typ for TTL level
input step
Applications
■ Battery powered electronics
■ General-purpose portable device
■ General-purpose low voltage application
Description
These devices consist of two independent
precision voltage comparators, designed to
operate with single or dual supplies.
These differential comparators use the
STMicroelectronics silicon lin MOS process giving
them an excellent consumption-speed ratio.
These devices are ideally suited for low
consumption applications.
N
DIP8
(plastic package)
D
SO8
(plastic micropackage)
Pin connections (top view)
www.st.com


Similar Part No. - TS372_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS372C STMICROELECTRONICS-TS372C Datasheet
51Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATORS
Oct-1997
TS372C STMICROELECTRONICS-TS372C Datasheet
84Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATOR
Feb-2002
TS372I STMICROELECTRONICS-TS372I Datasheet
51Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATORS
Oct-1997
TS372I STMICROELECTRONICS-TS372I Datasheet
84Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATOR
Feb-2002
TS372M STMICROELECTRONICS-TS372M Datasheet
51Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATORS
Oct-1997
More results

Similar Description - TS372_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
STMicroelectronics
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATOR
Feb-2002
TS374 STMICROELECTRONICS-TS374 Datasheet
88Kb / 5P
LOW POWER QUAD CMOS VOLTAGE COMPARATOR
Feb-2002
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
CMOS Low power voltage dual comparator
logo
ELM Electronics
ELM742 ELM-ELM742 Datasheet
326Kb / 4P
CMOS Low power voltage comparator
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
CMOS Low power voltage dual comparator
logo
ELM Technology Corporat...
ELM742-SERIES ELM-TECH-ELM742-SERIES Datasheet
645Kb / 4P
CMOS Low power voltage comparator
logo
ELM Electronics
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
CMOS Low power voltage dual comparator
logo
ELM Technology Corporat...
ELM742 ELM-TECH-ELM742 Datasheet
645Kb / 4P
CMOS Low power voltage comparator
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
CMOS Low power voltage dual comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com