Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS372 Datasheet (PDF) - STMicroelectronics

TS372 Datasheet PDF - STMicroelectronics
Part # TS372_V01
Download  TS372 Download
File Size   128.9 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low power dual CMOS voltage comparator

TS372 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS372 Datasheet PDF - STMicroelectronics

Part # TS372_V01
Download  TS372 Click to download

File Size   128.9 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low power dual CMOS voltage comparator

TS372 Datasheet (HTML) - STMicroelectronics


TS372 Product details

Features
■ Wide single supply range or dual supplies 3 V to 16 V or ±1.5 V to ±8 V
■ Very low supply current: 0.1 mA/comparator independent of supply voltage
■ Extremely low input bias current: 1 pA typ
■ Extremely low input offset currents: 1 pA typ
■ Low input offset voltage
■ Input common-mode voltage range includes GND
■ Low output saturation voltage 150 mV typical
■ Output compatible with TTL, MOS and CMOS
■ High input impedance: 1012 Ω typical
■ Fast response time: 200 ns typ for TTL level input step

Applications
■ Battery powered electronics
■ General-purpose portable device
■ General-purpose low voltage application

Description
These devices consist of two independent precision voltage comparators, designed to operate with single or dual supplies.
These differential comparators use the STMicroelectronics silicon lin MOS process giving them an excellent consumption-speed ratio.
These devices are ideally suited for low consumption applications.




Similar Part No. - TS372_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS372C STMICROELECTRONICS-TS372C Datasheet
51Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATORS
Oct-1997
TS372C STMICROELECTRONICS-TS372C Datasheet
84Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATOR
Feb-2002
TS372I STMICROELECTRONICS-TS372I Datasheet
51Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATORS
Oct-1997
TS372I STMICROELECTRONICS-TS372I Datasheet
84Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATOR
Feb-2002
TS372M STMICROELECTRONICS-TS372M Datasheet
51Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATORS
Oct-1997
More results


Similar Description - TS372_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
STMicroelectronics
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATOR
Feb-2002
TS374 STMICROELECTRONICS-TS374 Datasheet
88Kb / 5P
LOW POWER QUAD CMOS VOLTAGE COMPARATOR
Feb-2002
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
CMOS Low power voltage dual comparator
logo
ELM Electronics
ELM742 ELM-ELM742 Datasheet
326Kb / 4P
CMOS Low power voltage comparator
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
CMOS Low power voltage dual comparator
logo
ELM Technology Corporat...
ELM742-SERIES ELM-TECH-ELM742-SERIES Datasheet
645Kb / 4P
CMOS Low power voltage comparator
logo
ELM Electronics
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
CMOS Low power voltage dual comparator
logo
ELM Technology Corporat...
ELM742 ELM-TECH-ELM742 Datasheet
645Kb / 4P
CMOS Low power voltage comparator
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
CMOS Low power voltage dual comparator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com