Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A60..25 Datasheet(PDF) 12 Page - Carlo Gavazzi Holding AG

Part # RGC2A60..25
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A60..25 Datasheet(HTML) 12 Page - Carlo Gavazzi Holding AG

Back Button RGC2A60..25 Datasheet HTML 8Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 9Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 10Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 11Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 12Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 13Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 14Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 15Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 16Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
12
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
Current derating
0
10
20
30
40
50
60
70
80
90
20
25
30
35
40
45
50
55
60
65
70
75
80
Surrounding Ambient Temperature in °C
RGC2..75..DF
RGC2..75..DFM
RGC2..75..AF, AFM (up to 60°C)
RGC2..40
RGC2..40..DM
RGC2..40..AM (up to 60°C)
RGC2..25
RGC2..25..DM
RGC2..25..AM (up to 60°C)
RGC2..10
(max. 9AAC for VDE)
0
10
20
30
40
50
60
70
80
20
25
30
35
40
45
50
55
60
65
70
75
80
Surrounding Ambient Temperature in °C
RGC3..65DF, DFM
RGC3..65AF, AFM
RGC3..48
RGC3..48..DM
RGC3..48..AM (up to 60°C)
RGC3..40..DF
RGC3..40..AF (up to 60°C)
RGC3..30
RGC3..30..DM
RGC3..30..AM (up to 60°C)
RGC3..25
RGC3..25..DM
RGC3..25..AM (up to 60°C)
RGC3..20
RGC3..20..DM
RGC3..20..AM (up to 60°C)
RGC3..10
RGC2
RGC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com