Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A60..25 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # RGC2A60..25
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A60..25 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  RGC2A60..25 Datasheet HTML 1Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 2Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 3Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 4Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 5Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 6Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 7Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 8Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
Enter the code entering the corresponding option instead of
. Refer to selection guide section for valid part
numbers.
Order code
RGC2A
E
Code
Option Description
Comments
R
-
Solid State Relay (RG)
G
-
C
-
With integrated heatsink
2
-
2-pole switching, 1-pole direct
A
-
Switching mode: zero cross
22
Rated voltage: 42-242 VAC, 800 Vp
60
Rated voltage: 42-660 VAC, 1200 Vp
90 - 660 VAC for RGC..M
D
Control voltage: 5-32 VDC
A
Control voltage: 20-275 VAC, 24-190 VDC
AC control range for
RGC..A..A.. limited to 20-275
VAC only
10
Rated current
25
Rated current
40
Rated current
75
Rated current
K
Screw connection for control terminals
G
Box clamp connection for control terminals
For RGC..M, RGC..F
K
Screw connection for power terminals
For RGC..10, RGC..25
G
Box clamp connection for power terminals
For RGC..40, RGC..75
E
-
Contactor configuration
D
External supply: 24 VDC
For RGC..F or RGC..M only
A
External supply: 90-250 VAC
For RGC..F or RGC..M only
F
Integrated fan with over temperature protection (OTP) and EMR
alarm output
For RGC..75
M
Monitoring for mains loss, load loss, SSR short circuit, open circuit
and over-temperature with EMR alarm output and auxiliary output
RGC..M is suitable only for
resistive loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com