Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A60..25 Datasheet(PDF) 41 Page - Carlo Gavazzi Holding AG

Part # RGC2A60..25
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A60..25 Datasheet(HTML) 41 Page - Carlo Gavazzi Holding AG

Back Button RGC2A60..25 Datasheet HTML 33Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 34Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 35Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 36Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 37Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 38Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 39Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 40Page - Carlo Gavazzi Holding AG RGC2A60..25 Datasheet HTML 41Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
41
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
Power connection
Terminal
1/L1, 3/L2, 5/L3, 2/T1, 4/T2, 6/T3
Conductors
Use 75°C copper (Cu) conductors
RG..KKE, RG..GKE
RG..KGE, RG..GGE
Stripping length
12 mm
11 mm
Connection type
M4 screw with captivated washer
M5 screw with box clamp
Rigid (solid & stranded)
UL/CSA rated data
2x 2.5 – 6.0 mm²
2x 14 – 10 AWG
1x 2.5 – 6.0 mm²
1x 14 – 10 AWG
1x 2.5 – 25.0 mm²
1x 14 – 3 AWG
Flexible with end sleeve
2x 1.0 – 2.5 mm²
2x 2.5 – 4.0 mm²
2x 18 – 14 AWG
2x 14 – 12 AWG
1x 1.0 – 4.0 mm²
1x 18 – 12 AWG
1x 2.5 – 16.0 mm²
1x 14 – 6 AWG
Flexible without end
sleeve
2x 1.0 – 2.5 mm²
2x 2.5 – 6.0 mm²
2x 18 – 14 AWG
2x 14 – 10 AWG
1x 1.0 – 6.0mm²
1x 18 –10 AWG
1x 4.0 – 25.0 mm²
1x 12 –3 AWG
Torque specifications
Posidrive bit 2
UL: 2.0 Nm (17.7 lb-in)
IEC: 1.5 – 2.0 Nm (13.3 – 17.7 lb-in)
Posidrive bit 2
UL: 2.5 Nm (22 lb-in)
IEC: 2.5 – 3.0 Nm (22 – 26.6 lb-in)
Aperture for termination
lug (fork or ring)
12.3 mm
n/a
Protective Earth (PE)
connection
M5, 1.5 Nm (13.3 lb-in)
M5 PE screw is not provided with the solid state relay. PE connection is required when
product is intended to be used in Class 1 applications according to EN/IEC 61140
Control, supply and alarm connection
Terminals
A1, A2
A1, A2, Us, Uf,
11, 12, 14, 21, 22, 24
RG..KKE, RG..KGE
RG..GKE, RG..GGE
Conductors
Use 60/75°C copper (Cu) conductors
Stripping length
8 mm
8 mm
Connection type
M3 screw with captivated washer
M3 screw with box clamp
Rigid (solid & stranded)
UL/CSA rated data
2x 0.5 - 2.5 mm2
2x 18 - 12 AWG
1x 0.5 - 2.5 mm2
1x 18 - 12 AWG
1x 1.0 - 2.5 mm2
1x 18 - 12 AWG
Flexible with end sleeve
2x 0.5 - 2.5 mm2
2x 18 - 12 AWG
1x 0.5 - 2.5 mm2
1x 18 - 12 AWG
1x 0.5 - 2.5 mm2
1x 20 - 12 AWG
Torque specification
Posidrive 1
UL: 0.5 Nm (4.4 lb-in)
IEC: 0.5-0.6 Nm (4.4-5.3 lb-in)
Posidrive 1
UL: 0.5 Nm (4.4 lb-in)
IEC: 0.4-0.5 Nm (3.5-4.4 lb-in)
Connection Specifications
COPYRIGHT ©2020
Content subject to change. Download the PDF: https://gavazziautomation.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com