Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A60..40 Datasheet(PDF) 11 Page - Carlo Gavazzi Holding AG

Part # RGC2A60..40
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A60..40 Datasheet(HTML) 11 Page - Carlo Gavazzi Holding AG

Back Button RGC2A60..40 Datasheet HTML 7Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 8Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 9Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 10Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 11Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 12Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 13Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 14Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 15Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
RG..D..D..
RG..D..A..
RG..A..A..
Output type
PNP darlington, Normally closed (22-21)
NPN darlington, Normally open (24-21)
Triac, Normally closed (22-21)
Triac, Normally open (24-21)
Rated voltage
24 VDC +/-20%
90-250 VAC
On-state voltage
drop, typical
4 VDC
< 2 VAC
Blocking voltage
-
800 Vp
Maximum current rating
50 mADC
1 AAC @ 25°C5
Delay from SSR
output switching to
auxiliary output
5 cycles
5 cycles
Auxiliary output specifications (22, 24, 21)
5. Refer to Derating Curve for Auxliary Output rating @ higher operating
temperature
0
20
40
60
80
100
120
140
160
180
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
Load current per pole in AACrms
RGC2..10, 25
RGC2..40
RGC2..75
Output power dissipation
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
Load current per pole in AACrms
RGC3..10, 20, 25
RGC3..30, 40
RGC3..48, 65
RGC2
RGC3
RGC2..10, 25
RGC2..40
RGC2..75
RGC3..10, 20, 25
RGC3..30, 40
RGC3..48, 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com