Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A60..40 Datasheet(PDF) 29 Page - Carlo Gavazzi Holding AG

Part # RGC2A60..40
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A60..40 Datasheet(HTML) 29 Page - Carlo Gavazzi Holding AG

Back Button RGC2A60..40 Datasheet HTML 25Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 26Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 27Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 28Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 29Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 30Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 31Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 32Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 33Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
29
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
LED indicators
RGC
RGC..F
RGC..M
CONTROL Green
Full intensity: Control ON
OFF: Control OFF
Full intensity:
Supply ON, Control ON
Flashing:
0.5 s ON, 0.5 s OFF Supply
ON, Control OFF
Full intensity:
Supply ON, Control ON
Flashing:
0.5 s ON, 0.5 s OFF Supply
ON, Control OFF
LOAD
Yellow
-
-
Full intensity: Load ON
ALARM
Red
-
Full intensity: SSR over
temperature alarm
Full intensity or Flashing:
Alarm condition present.
Refer to Alarm Management
section.
Alarm management
Flashes
Description of Fault
Timing Diagram
2
Mains loss
0.5s
3s
3
Load loss or SSR short circuit
3s
0.5s
4
SSR open circuit
3s
100%
SSR over temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com