Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A60..40 Datasheet(PDF) 25 Page - Carlo Gavazzi Holding AG

Part # RGC2A60..40
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A60..40 Datasheet(HTML) 25 Page - Carlo Gavazzi Holding AG

Back Button RGC2A60..40 Datasheet HTML 21Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 22Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 23Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 24Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 25Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 26Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 27Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 28Page - Carlo Gavazzi Holding AG RGC2A60..40 Datasheet HTML 29Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
25
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
RGC..M Mode of Operation (continued)
Load Loss:
Detection of load loss is possible only with control ON. This alarm is issued in the absence of a load termination or an
open load on terminals T1, T2 and/or T3 for more than 120ms. When the load loss alarm is triggered, the SSR output is
not turned OFF as long as control voltage is present on the RGC..M. The fault condition is automatically restored once the
fault is cleared.
The RGC..M permits a total combined load and supply unbalance of 40%, where individually load unbalance shall not
exceed 40% and supply unbalance shall not exceed 15%. If these limits are exceeded erratic behaviour and false alarms
may be expected.
Mains Supply (L1, L2, L3)
Load Current (I1)
Load Current (I2)
Load Current (I3)
Auxiliary Output, NO (21-24)
Auxiliary Output, NC (21-22)
Supply Voltage (Us)
Control Voltage (A1, A2)
Green LED (Control & Supply)
Yellow LED (Load status)
Red LED (Alarm)
Alarm Output, NO (11-14)
Alarm Output, NC (11-12)
Note 1
Note 2
Note 2
Note 2
Supply
Voltage (Us)
Loss
Normal
Opera�on
SSR OFF
Normal
Opera�on
SSR ON
Load Loss condi�on on T1
(>120 ms)
with control ON
Load Loss condi�on on T2
(> 120 ms)
with control ON
Load Loss condi�on on T3
(> 120 ms)
with control ON
Load
restored,
conrol OFF
Load
restored,
conrol ON
Note 3
Note 1: For the AC external supply versions (RGC..A..A), the Auxiliary output, NC (21-22) will be closed only when the
external supply Us is present.
Note 2: Yellow LED and Auxiliary output is OFF if all the loads connected to the 3 poles T1, T2 and T3 are missing.
Note 3: The Load loss alarm will reset only with control ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com