Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4916 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4916
Description  VOLTAGE REGULATOR PLUS FILTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4916 Datasheet(HTML) 3 Page - STMicroelectronics

  L4916 Datasheet HTML 1Page - STMicroelectronics L4916 Datasheet HTML 2Page - STMicroelectronics L4916 Datasheet HTML 3Page - STMicroelectronics L4916 Datasheet HTML 4Page - STMicroelectronics L4916 Datasheet HTML 5Page - STMicroelectronics L4916 Datasheet HTML 6Page - STMicroelectronics L4916 Datasheet HTML 7Page - STMicroelectronics L4916 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
°C; Vi = 13.5V, testcircuit of fig.1, unlessotherwisespecified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vi
Input Voltage
20
V
VO
Output Voltage
Vi =12 to18 V
IO = 5 to 150 mA
8.1
8.5
8.9
V
∆VI/O
Controlled
Input-output
Dropout
Voltage
Vi = 5 to 10 V
IO = 5 to 150 mA
1.6
2.1
V
∆VO
Line Regulation
Vi =12 to18 V
IO =10 mA
120
mV
∆VO
Load Regulation
IO = 5 to 250 mA
ton =30
µs
toff =
≥ 1ms
50
100
mV
∆VO
Load Regulation
(filter mode)
Vi = 8.5 V
IO = 5 to 150 mA
ton =30
µs
toff =
≥ 1ms
150
250
mV
Iq
Quiescent Current
IO =5 mA
1
2
mA
∆Iq
Quiescent Current Change
Vi = 6 to 18 V
IO = 5 to 150 mA
0.05
mA
∆VO
∆T
Output Voltage Drift
IO = 10 mA
1.2
mV/
°C
SVR
Supply Voltage Rejection
Viac =1 Vrms
f = 100 Hz
IO = 150 mA
VIDC =12 to18 V
VIDC = 6 to 11 V
70
35(*)
dB
dB
ISC
Short Circuit Current
250
300
mA
Ton
Switch On Time
IO = 150 mA
Vi = 5 to 11 V
Vi =11 to18 V
500(*)
300
ms
ms
TJ
Thermal
Shutdown
Junction
Temperature
145
°C
( *) D epending of the C FT capaci tor.
Figure 1 : Test and Application Circuit.
L4916
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com