Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4916 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4916
Description  VOLTAGE REGULATOR PLUS FILTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4916 Datasheet(HTML) 4 Page - STMicroelectronics

  L4916 Datasheet HTML 1Page - STMicroelectronics L4916 Datasheet HTML 2Page - STMicroelectronics L4916 Datasheet HTML 3Page - STMicroelectronics L4916 Datasheet HTML 4Page - STMicroelectronics L4916 Datasheet HTML 5Page - STMicroelectronics L4916 Datasheet HTML 6Page - STMicroelectronics L4916 Datasheet HTML 7Page - STMicroelectronics L4916 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Figure 2 : P.C. Board and Component Layout of Fig. 1 (1 : 1 scale).
PRINCIPLE OF OPERATION
During normal operation (input voltage upper than
VI MIN =VOUT NOM +
∆VI/O). The device works as a
normal voltage regulator built aroundthe OP1 of the
block diagram.
The series pass element use a PNP-NPN connec-
tion to reduce the dropout. The reference voltage of
the OP1 is derived from a REF through the OP2and
Q3, acting as an active zener diode of value VREF.
In this condition the device works in the range (1) of
the characteristic of the non linear drop control unit
(see fig.3).
The output voltage is fixed to its nominal value:
R1
VOUT NOM =VREF (1 +
) =
R2
R1
VCFT (1 +
)
R2
R1
= INTERNALLY FIXED RATIO = 2.4
R2
The ripple rejection is quite high (70 dB) and inde-
pendent from CFT value.
On the usual voltage regulators, when the input vol-
tage goes below the nominal value, the regulation
transistors (series element) saturate bringing the
system out of regulation making it very sensible to
every variation of the input voltage. On the contrary,
a control loop on the L4916 consents to avoid the
saturation of the series element by regulating the
value of the reference voltage (pin 2). In fact, when-
ever the input voltage decreases below VI MIN the
supervisor loop, utilizing a non linear OTA, forces
the reference voltage at pin 2 to decrease by dis-
charging CFT. So, during the static mode, when the
input voltage goes below VMIN the drop out is kept
fixed to about 1.6V. In this condition the device
works as a low pass filter in the range (2) of the OTA
characteristic. The ripple rejection is externally ad-
justable acting on CFT as follows :
VI (jw)
SVR (jw) =
=
Vout (jw)
10
-6
1+
gm
R1
(1 +
)
jwCFT
R2
Where:
gm = 2 . 10
-5 Ω-1 =OTA’S typical transconductance
value on linear region
R1
= fixed ratio
R2
CFT
= value of capacitor in
µF
The reaction time of the supervisor loop is given by
the transconductanceof the OTA and by CFT. When
the value of the ripple voltage is so high and its ne-
gative peak is fast enough to determine an istanta-
neous decrease of the dropout till 1.2 V, the OTA
works in a higher transconductance condition
[range (3) of the characteristic] and discharge the
capacitor rapidously.
If the ripple frequency is high enough the capacitor
won’t charge itself completely, and the output volt-
age reaches a small value allowinga betterripple re-
jection ; the device’s again working as a filter (fast
transient range).
With CFT =10
µF; f= 100Hz a SVRof35is obtained.
L4916
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com