Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4916 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4916
Description  VOLTAGE REGULATOR PLUS FILTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4916 Datasheet(HTML) 1 Page - STMicroelectronics

  L4916 Datasheet HTML 1Page - STMicroelectronics L4916 Datasheet HTML 2Page - STMicroelectronics L4916 Datasheet HTML 3Page - STMicroelectronics L4916 Datasheet HTML 4Page - STMicroelectronics L4916 Datasheet HTML 5Page - STMicroelectronics L4916 Datasheet HTML 6Page - STMicroelectronics L4916 Datasheet HTML 7Page - STMicroelectronics L4916 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
L4916
June 2000
VOLTAGE REGULATOR PLUS FILTER
®
.
FIXED OUTPUT VOLTAGE 8.5 V
.
250 mA OUTPUT CURRENT
.
HIGH RIPPLE REJECTION
.
HIGH LOAD REGULATION
.
HIGH LINE REGULATION
.
SHORT CIRCUIT PROTECTION
.
THERMAL SHUT DOWN WITH HYSTERESIS
.
DUMP PROTECTION
This circuit combines both a filter and a voltageregu-
lator in order to provide a high ripple rejection over a
wider input voltage range.
A supervisor low-pass loop of the element prevents
the outputtransistor from saturation at low input volt-
ages.
The non linear behaviour of this control circuitry
allows a fast settling of the filter.
POW ER MI NIDIP
(4 + 4)
ORDERING NUMBER : L4916
BLOCK DIAGRAM
DESCRIPTION
1/8


Similar Part No. - L4916

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L491315DIE2S STMICROELECTRONICS-L491315DIE2S Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
L491315DIE2V STMICROELECTRONICS-L491315DIE2V Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
L491325DIE2S STMICROELECTRONICS-L491325DIE2S Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
L491325DIE2S STMICROELECTRONICS-L491325DIE2S Datasheet
273Kb / 19P
Rad-hard positive fixed voltage regulator
19-Oct-2010
L491325DIE2V STMICROELECTRONICS-L491325DIE2V Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
More results

Similar Description - L4916

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4915 STMICROELECTRONICS-L4915 Datasheet
99Kb / 7P
ADJUSTABLE VOLTAGE REGULATOR PLUS FILTER
Jun-1993
L4918 STMICROELECTRONICS-L4918 Datasheet
84Kb / 6P
VOLTAGE REGULATORS PLUS FILTER
Oct-1988
logo
Texas Instruments
PT78NR100 TI-PT78NR100 Datasheet
218Kb / 3P
1 AMP PLUS TO MINUS VOLTAGE INTEGRATED SWITCHING REGULATOR
SLTS058B TI-SLTS058B Datasheet
178Kb / 6P
1 Amp Plus to Minus Voltage Integrated Switching Regulator
logo
Norgren Ltd
B82G NORGREN-B82G Datasheet
2Mb / 8P
General purpose filter/regulator Excelon® Plus Modular System
02/21
BL82 NORGREN-BL82 Datasheet
2Mb / 8P
Filter/regulator – Lubricator Combination Units Excelon® Plus Modular System
BL84 NORGREN-BL84 Datasheet
2Mb / 10P
Filter/regulator - Lubricator Combination Units Excelon® Plus Modular System
HBL84 NORGREN-HBL84 Datasheet
1Mb / 10P
-Filter/regulator - Lubricator Combination Units Excelon® Plus Modular System
TB82 NORGREN-TB82 Datasheet
1Mb / 7P
Filter-Regulator – Combination Excelon® Plus Modular System
11/22
TB84 NORGREN-TB84 Datasheet
1Mb / 9P
Filter- Regulator - Combination Units Excelon® Plus Modular System
09/22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com