Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8273ARZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8273ARZ-R7
Description  Dual-Channel, Audio Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8273ARZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8273ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8273
Rev. 0 | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V
Output Short-Circuit Current
Observe
derating curve
Voltage at Any Input Pin
40 V
Differential Input Voltage
40 V
Current into Any Input Pin
3 mA
Storage Temperature Range
−65°C to +130°C
Specified Temperature Range
−40°C to +85°C
Thermal Resistance
θJA
105°C/W
θJC
36°C/W
Package Glass Transition Temperature (TG)
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation for the AD8273 is limited
by the associated rise in junction temperature (TJ) on the die. At
approximately 150°C, which is the glass transition temperature,
the plastic changes its properties. Even temporarily exceeding
this temperature limit may change the stresses that the package
exerts on the die, permanently shifting the parametric performance
of the amplifiers. Exceeding a temperature of 150°C for an
extended period can result in a loss of functionality.
The AD8273 has built-in, short-circuit protection that limits the
output current to approximately 100 mA (see Figure 2 for more
information). While the short-circuit condition itself does not
damage the part, the heat generated by the condition can cause
the part to exceed its maximum junction temperature, with
corresponding negative effects on reliability.
AMBIENT TEMPERATURE (°C)
0
0.4
0.8
1.2
1.6
2.0
–50
–25
0
25
50
75
100
125
TJ MAX = 150°C
θJA = 105°C/W
Figure 2. Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com