Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8273ARZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8273ARZ-R7
Description  Dual-Channel, Audio Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8273ARZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8273ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 9Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8273
Rev. 0 | Page 10 of 16
0.1
0.01
0.001
0.0001
20
200
2k
20k
FREQUENCY (Hz)
GAIN = 2
GAIN = ½
1µs/DIV
Figure 28. Large Signal Pulse Response Gain = ½
Figure 31. THD+N vs. Frequency, VOUT = 10 V p-p
FREQUENCY (Hz)
10
100
1000
10000
1
10
100
1k
10k
100k
GAIN = 2
GAIN = ½
1µs/DIV
Figure 29. Large Signal Pulse Response, Gain = 2
Figure 32. Voltage Noise Density vs. Frequency, Referred to Output
40
35
30
25
20
15
10
5
0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
+SR
–SR
1s/DIV
G = ½
G = 2
Figure 30.Slew Rate vs. Temperature
Figure 33. 0.1 Hz to 10 Hz Voltage Noise, RTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com