Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8273ARZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8273ARZ-R7
Description  Dual-Channel, Audio Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8273ARZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8273ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8273
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC 1
–12A 2
+12A 3
–VS 4
+6A
14
OUTA
13
–6A
12
+VS
11
+12B 5
–6B
10
–12B 6
OUTB
9
NC 7
+6B
8
NC = NO CONNECT
AD8273
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 7
NC
No Connect.
2
−12A
The 12 kΩ resistor connects to the negative terminal of Op Amp A.
3
+12A
The 12 kΩ resistor connects to the positive terminal of Op Amp A.
4
−VS
Negative Supply.
5
+12B
The 12 kΩ resistor connects to the positive terminal of Op Amp B.
6
−12B
The 12 kΩ resistor connects to the negative terminal of Op Amp B.
8
+6B
The 6 kΩ resistor connects to the positive terminal of Op Amp B.
9
OUTB
Op Amp B Output.
10
−6B
The 6 kΩ resistor connects to the negative terminal of Op Amp B.
11
+VS
Positive Supply.
12
−6A
The 6 kΩ resistor connects to the negative terminal of Op Amp A.
13
OUTA
Op Amp A Output.
14
+6A
The 6 kΩ resistor connects to the positive terminal of Op Amp A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com