Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4918 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4918
Description  VOLTAGE REGULATORS PLUS FILTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4918 Datasheet(HTML) 3 Page - STMicroelectronics

  L4918 Datasheet HTML 1Page - STMicroelectronics L4918 Datasheet HTML 2Page - STMicroelectronics L4918 Datasheet HTML 3Page - STMicroelectronics L4918 Datasheet HTML 4Page - STMicroelectronics L4918 Datasheet HTML 5Page - STMicroelectronics L4918 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
°C; Vi = 13.5 V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vi
Input Voltage
20
V
VO
Output Voltage
Vi =12 to18 V
IO = 5 to 150 mA
8.1
8.5
8.9
V
∆VI/O
Controlled
Input-output
Dropout
Voltage
Vi = 5 to 10 V
IO = 5 to 150 mA
1.6
2.1
V
∆VO
Line Regulation
Vi =12 to18 V
IO =10 mA
120
mV
∆VO
Load Regulation
IO = 5 to 250 mA
ton =30
µs
toff =
≥ 1ms
100
mV
∆VO
Load Regulation
(filter mode)
Vi = 8.5 V
IO = 5 to 150 mA
ton =30
µs
toff =
≥ 1ms
150
250
mV
Iq
Quiescent Current
IO = 5 mA
1
2
mA
∆Iq
Quiescent Current Change
Vi = 6 to 18 V
IO = 5 to 150 mA
0.05
mA
∆VO
∆T
Output Voltage Drift
IO = 10 mA
1.2
mV/
°C
SVR
Supply Voltage Rejection
Viac =1 Vrms
f = 100 Hz
IO = 150 mA
VIDC =12 to 18 V
VIDC = 6 to 11 V
71
35(*)
dB
dB
ISC
Short Circuit Current
250
300
mA
ton
Switch On Time
IO = 150 mA
Vi = 5 to 11 V
Vi =11 to18 V
500(*)
300
ms
ms
TJSD
Thermal
Shutdown
Junction
Temperature
150
°C
(*) Depending of the CFT capacitor
PRINCIPLE OF OPERATION
During normal operation (input voltage upper than
VI MIN =VOUT NOM +
∆VI/O). The device works as a
normal voltage regulator built around the OP1 of the
block diagram.
The series pass element use a PNP-NPN connec-
tion to reduce the dropout. The reference voltage of
the OP1 is derived from a REF through the OP2 and
Q3, acting as an active zener diode of value VREF.
In this condition the device works in the range (1) of
the characteristic of the non linear drop control unit
(see fig.2).
The output voltage is fixed to its nominal value:
R1
R1
VOUT NOM =VREF (1 +
) = VCFT (1 +
)
R2
R2
R1
= INTERNALLY FIXED RATIO = 2.4
R2
The ripple rejection is quite high (71 dB) and inde-
pendent from CFT value.
On the usual voltage regulators, when the input volt-
age goes below the nominal value, the regulation
transistors (series element) saturate bringing the
system out of regulation making it very sensible to
every variation of the input voltage. Onthe contrary,
a control loop on the L4918 consents to avoid the
saturation of the series element by regulating the
value of the reference voltage (pin 2). In fact, when-
ever the input voltagedecreasesbelow VIMIN the su-
pervisor loop, utilizing a non linear OTA, forces the
reference voltage at pin 2 to decrease by discharg-
ing CFT. So, during the static mode, when the input
voltage goes below VMIN the drop out is kept fixed
to about 1.6 V. In this condition the device works as
a low pass filter in the range (2) of the OTA charac-
L4918
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com