Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4918 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4918
Description  VOLTAGE REGULATORS PLUS FILTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4918 Datasheet(HTML) 1 Page - STMicroelectronics

  L4918 Datasheet HTML 1Page - STMicroelectronics L4918 Datasheet HTML 2Page - STMicroelectronics L4918 Datasheet HTML 3Page - STMicroelectronics L4918 Datasheet HTML 4Page - STMicroelectronics L4918 Datasheet HTML 5Page - STMicroelectronics L4918 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
L4918
October 1988
VOLTAGE REGULATORS PLUS FILTER
PRELI MINARY DATA
.
FIXED OUTPUT VOLTAGE 8.5V
.
250mA OUTPUT CURRENT
.
HIGH RIPPLE REJECTION
.
HIGH LOAD REGULATION
.
HIGH LINE REGULATION
.
SHORT CIRCUIT PROTECTION
.
THERMAL SHUT DOWN WITH HYSTERESIS
.
DUMP PROTECTION
DESCRIPTION
The L4918 combines both a filter and a voltage regu-
lator in order to provide a high ripple rejection over a
wider input voltage range.
A supervisor low-pass loop of the element prevents
the output transistor from saturation at low input vol
tages.
The non linear behaviour of this control circuitry al-
lows a fast setting of the filter.
PENTAWATT
ORDERING NUMBER : L4918
BLOCK DIAGRAM
1/6


Similar Part No. - L4918

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L491315DIE2S STMICROELECTRONICS-L491315DIE2S Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
L491315DIE2V STMICROELECTRONICS-L491315DIE2V Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
L491325DIE2S STMICROELECTRONICS-L491325DIE2S Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
L491325DIE2S STMICROELECTRONICS-L491325DIE2S Datasheet
273Kb / 19P
Rad-hard positive fixed voltage regulator
19-Oct-2010
L491325DIE2V STMICROELECTRONICS-L491325DIE2V Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
More results

Similar Description - L4918

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM105 NSC-LM105 Datasheet
227Kb / 7P
Voltage Regulators
logo
STMicroelectronics
L4915 STMICROELECTRONICS-L4915 Datasheet
99Kb / 7P
ADJUSTABLE VOLTAGE REGULATOR PLUS FILTER
Jun-1993
L4916 STMICROELECTRONICS-L4916 Datasheet
80Kb / 8P
VOLTAGE REGULATOR PLUS FILTER
Jun-2000
logo
Torex Semiconductor
XC6204 TOREX-XC6204 Datasheet
25Kb / 1P
Voltage Regulators
logo
National Semiconductor ...
LM205 NSC-LM205 Datasheet
154Kb / 8P
Voltage Regulators
LM78XX NSC-LM78XX_95 Datasheet
158Kb / 6P
Voltage Regulators
logo
Wing Shing Computer Com...
LM7812K WINGS-LM7812K Datasheet
65Kb / 1P
Voltage Regulators
logo
Bookly Micro electronic
BM1084 BOOKLY-BM1084 Datasheet
365Kb / 9P
Voltage regulators
BM1117 BOOKLY-BM1117 Datasheet
377Kb / 9P
Voltage regulators
logo
Norgren Ltd
BL64 NORGREN-BL64 Datasheet
856Kb / 4P
Olympian Plus plug-in system Filter/regulators and lubricators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com