Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4918 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4918
Description  VOLTAGE REGULATORS PLUS FILTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4918 Datasheet(HTML) 4 Page - STMicroelectronics

  L4918 Datasheet HTML 1Page - STMicroelectronics L4918 Datasheet HTML 2Page - STMicroelectronics L4918 Datasheet HTML 3Page - STMicroelectronics L4918 Datasheet HTML 4Page - STMicroelectronics L4918 Datasheet HTML 5Page - STMicroelectronics L4918 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
teristic. The ripple rejection is externally adjustable
acting on CFT as follows:
VI (jw)
SVR (jw) =
=
Vout (jw)
10
–6
1+
gm
R1
(1 +
)
jwCFT
R2
Where:
gm = 2 . 10
-5 Ω-1 = OTA’S typical transconductance
value on linear region
R1
= fixed ratio
R2
CFT = value of capacitor in
µF
The reaction time of the supervisor loop is given by
the transconductanceof the OTA and by CFT.When
the value of the ripple voltage is so high and its nega-
tive peak is fast/enough to determine an istantane-
ous decrease of the dropout till 1.2V, the OTA works
in a higher transconductancecondition [range (3) of
the characteristic] and discharge the capacitor rapi-
dously.
If the ripple frequency is high enough the capacitor
won’t charge itself completely, and the output vol-
tage reaches a small value allowing a better ripple
rejection; the device’s again working as a filter (fast
transient range).
With CFT =10
µF ; f =100 Hz aSVR of35 is obtained.
Figure 2 : Nonliner Transfer Characteristic of the
Drop Control Unit.
Figure 3 : Supply Voltage Rejection vs. Fre-
1) Nor mal operati ng range ( high ri ppl e rej ect io n)
2) Drop controlled range (medium rippl e rejection)
3) Fast discharge of CFT
Figure 4 : Supply voltage Rejection vs. Input Volt-
age.
Figure 5 : Output Voltage vs. Input Voltage.
L4918
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com