Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1202BRJZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG1202BRJZ-R2
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1202BRJZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADG1202BRJZ-R2 Datasheet HTML 1Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 2Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 3Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 4Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 5Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 6Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 7Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 8Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG1201/ADG1202
Rev. 0 | Page 4 of 16
SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
B Version1
Parameter
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
300
Ω typ
VDD = 10.8 V, VSS = 0 V
475
567
625
Ω max
VS = 0 V to 10 V, IS = −1 mA; see Figure 20
On Resistance Flatness (RFLAT(ON))
60
Ω typ
VS = 3 V, 6 V, and 9 V, IS = −1 mA
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off )
±0.006
nA typ
VS = 1 V or 10 V, VD = 10 V or 1 V; see Figure 21
±0.1
±0.6
±1
nA max
Drain Off Leakage, ID (Off )
±0.006
nA typ
VS = 1 V or 10 V, VD = 10 V or 1 V; see Figure 21
±0.1
±0.6
±1
nA max
Channel On Leakage, ID, IS (On)
±0.04
nA typ
VS = VD = 1 V or 10 V; see Figure 22
±0.15
±0.6
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.001
μA typ
VIN = VINL or VINH
±0.1
μA max
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS2
tON
190
ns typ
RL = 300 Ω, CL = 35 pF
250
295
340
ns max
VS = 8 V; see Figure 26
tOFF
120
ns typ
RL = 300 Ω, CL = 35 pF
155
190
210
ns max
VS = 8 V; see Figure 26
Charge Injection
0.8
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; see Figure 27
Off Isolation
80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 23
−3 dB Bandwidth
520
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 24
CS (Off )
2.7
pF typ
VS = 6 V, f = 1 MHz
3.3
pF max
VS = 6 V, f = 1 MHz
CD (Off )
3.1
pF typ
VS = 6 V, f = 1 MHz
3.6
pF max
VS = 6 V, f = 1 MHz
CD, CS (On)
5.3
pF typ
VS = 6 V, f = 1 MHz
6.3
pF max
VS = 6 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 13.2 V
IDD
0.001
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
IDD
60
μA typ
Digital inputs = 5 V
95
μA max
VDD
+5/+16.5
V min/max
VSS = 0 V, GND = 0 V
1 Temperature range for B version is
−40°C to +125°C.
2 Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com