Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1202BRJZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG1202BRJZ-R2
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1202BRJZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG1202BRJZ-R2 Datasheet HTML 7Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 8Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 9Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 10Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 11Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 12Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 13Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 14Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG1201/ADG1202
Rev. 0 | Page 11 of 16
VS
IN
SD
GND
RL
300Ω
CL
35pF
VOUT
VDD
VSS
0.1µF
VDD
0.1µF
VSS
ADG1201
ADG1202
VIN
VIN
VOUT
tON
tOFF
50%
50%
90%
90%
50%
50%
Figure 26. Switching Times
IN
VOUT
ADG1201
ADG1202
VIN
VIN
VOUT
OFF
ΔVOUT
ON
QINJ = CL × ΔVOUT
SD
VDD
VSS
VDD
VSS
VS
RS
GND
CL
1nF
Figure 27. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com