Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1202BRJZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG1202BRJZ-R2
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1202BRJZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG1202BRJZ-R2 Datasheet HTML 4Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 5Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 6Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 7Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 8Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 9Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 10Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 11Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG1201/ADG1202
Rev. 0 | Page 8 of 16
0
–250
100
080
150
–50
–100
–150
–200
50
20
40
60
100
120
TEMPERATURE (ºC)
IS (OFF) + –
ID (OFF) + –
IS (OFF) – +
ID (OFF) – +
ID, IS (ON) + +
ID, IS (ON) – –
VDD = +5V
VSS = –5V
VBIAS = ±4.5V
Figure 9. Leakage Currents as a Function of Temperature, Dual Supply
0
–200
100
080
300
250
200
150
–50
–100
–150
50
20
40
60
100
120
TEMPERATURE (ºC)
IS (OFF) + –
ID (OFF) + –
IS (OFF) – +
ID (OFF) – +
ID, IS (ON) + +
ID, IS (ON) – –
VDD = 12V
VSS = 0V
VBIAS = 1/10V
Figure 10. Leakage Currents as a Function of Temperature, Single Supply
120
0
0
LOGIC LEVEL, INx (V)
VDD = 12V
VSS = 0V
VDD = +15V
VSS = –15V
IDD PER CHANNEL
TA = 25ºC
100
80
60
40
20
2
4
6
8
101214
Figure 11. IDD vs. Logic Level
0.5
–0.5
–15
15
INPUT VOLTAGE (V)
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–10
–5
0
5
10
TA = 25ºC
VDD = +15V
VSS = –15V
VDD = +5V
VSS = –5V
VDD = 12V
VSS = 0V
Figure 12. Charge Injection vs. Source Voltage
300
0
–40
120
TEMPERATURE (ºC)
250
200
150
100
50
–20
0
20406080
100
15V DS tON
15V DS tOFF
12V SS t ON
12V SS t OFF
Figure 13. TON/TOFF Times vs. Temperature
–120
10k
1G
FREQUNCY (Hz)
100k
1M
10M
100M
–20
–40
0
–60
–80
–100
VDD = 15V
VSS = –15V
TA = 25ºC
Figure 14. Off Isolation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com