Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5519ACPZ-R2
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5519ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
ADL5519
Rev. 0 | Page 19 of 40
THEORY OF OPERATION
The ADL5519 is a dual-channel, six-stage demodulating loga-
rithmic amplifier that is specifically designed for use in RF
measurement and power control applications at frequencies
up to 10 GHz. The ADL5519 is a derivative of the AD8317
logarithmic detector/controller core. The ADL5519 maintains
tight intercept variability vs. temperature over a 50 dB range.
Each measurement channel offers performance equivalent to
that of the AD8317. The complete circuit block diagram is
shown in Figure 50.
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
25
26
27
28
29
30
31
32
INHA
INHB
INLB
COMR
COMR
PWDN
COMR
INLA
16
15
14
13
12
11
10
9
NC
NC
OUTB
FBKB
OUTN
OUTP
FBKA
OUTA
BIAS
TEMP
OUTA
OUTB
CHANNEL A
LOG DETECTOR
ADL5519
CHANNEL B
LOG DETECTOR
Figure 50. Block Diagram
Each measurement channel is a full differential design using
a proprietary, high speed SiGe process that extends high frequency
performance. Figure 51 shows the basic diagram of the Channel A
signal path; its functionality is identical to that of the Channel B
signal path.
INHA
INLA
VSTA
OUTA
CLPA
V
I
VI
DET
DET
DET
DET
Figure 51. Single Channel Block Diagram
The maximum input with ±1 dB log conformance error is typically
−5 dBm (re: 50 Ω). The noise spectral density referred to the input
is 1.15 nV/√Hz, which is equivalent to a voltage of 118 μV rms
in a 10.5 GHz bandwidth or a noise power of −66 dBm (re: 50 Ω).
This noise spectral density sets the lower limit of the dynamic
range. However, the low end accuracy of the ADL5519 is enhanced
by specially shaping the demodulating transfer characteristic to
partially compensate for errors due to internal noise. The common
pins provide a quality, low impedance connection to the printed
circuit board (PCB) ground. The package paddle, which is inter-
nally connected to the COMR pins, should also be grounded to
the PCB to reduce thermal impedance from the die to the PCB.
The logarithmic function is approximated in a piecewise fashion
by six cascaded gain stages. For a more comprehensive explana-
tion of the logarithm approximation, refer to the AD8307 data
sheet. The cells have a nominal voltage gain of 9 dB each, with
a 3 dB bandwidth of 10.5 GHz. Using precision biasing, the gain
is stabilized over temperature and supply variations. The overall
dc gain is high because of the cascaded nature of the gain stages.
An offset compensation loop is included to correct for offsets
within the cascaded cells. At the output of each gain stage,
a square-law detector cell is used to rectify the signal.
The RF signal voltages are converted to a fluctuating differential
current, having an average value that increases with signal level.
Along with the six gain stages and detector cells, an additional
detector is included at the input of each measurement channel,
providing a 54 dB dynamic range in total. After the detector
currents are summed and filtered, the following function is
formed at the summing node:
ID × log10(VIN/VINTERCEPT)
(1)
where:
ID is the internally set detector current.
VIN is the input signal voltage.
VINTERCEPT is the intercept voltage (that is, when VIN = VINTERCEPT,
the output voltage would be 0 V, if it were capable of going to 0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com