Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5519ACPZ-R2
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5519ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
ADL5519
Rev. 0 | Page 23 of 40
DIFFERENCE OUTPUT—OUTP, OUTN
The ADL5519 incorporates two operational amplifiers with rail-to-
rail output capability to provide a channel difference output.
As in the case of the output drivers for OUTA, OUTB, the output
stages have the capability of driving greater than 10 mA. OUTA
and OUTB are internally connected through 1 kΩ resistors to the
inputs of each op amp. The VLVL pin is connected to the positive
terminal of both op amps through 1 kΩ resistors to provide
level shifting. The negative feedback terminal is also made
available through a 1 kΩ resistor. The input impedance of VLVL
is 1 kΩ, and the input impedance of FBKA, FBKB is 1 kΩ. See
Figure 57 for the connections of these pins.
OUTP
VPSR
VLVL
FBKA COMR
OUTA
OUTB
OUTN
VPSR
VLVL
FBKB COMR
OUTB
OUTA
1kΩ
1kΩ
1kΩ
1kΩ
1kΩ
1kΩ
1kΩ
1kΩ
Figure 57. OUTP, OUTN Interface Simplified Schematic
If OUTP is connected to FBKA, OUTP is given as
OUTP = OUTA − OUTB + VLVL
(3)
If OUTN is connected to FBKB, OUTN is given as
OUTN = OUTB − OUTA + VLVL
(4)
OUTA
FBKA
FBKB
OUTP
OUTN
OUTB
14
13
12
11
Figure 58. Op Amp Connections (All Resistors Are 1 kΩ ± 20%)
In this configuration, all four measurements, OUTA, OUTB,
OUTP, and OUTN, are available simultaneously. A differential
output can be taken from OUTP − OUTN, and VLVL can be
used to adjust the common-mode level for an ADC connection.
This is convenient not only for driving a differential ADC but
also for removing any temperature variation on VLVL.
DESCRIPTION OF CHARACTERIZATION
The general hardware configuration used for most of the ADL5519
characterization is shown in Figure 59. The signal sources used
in this example are the E8251A from Agilent Technologies. The
INHA, INHB input pins are driven by Agilent signal sources,
and the output voltages are measured using a voltmeter.
COMPUTER
CONTROLLER
AGILENT
34970A
METER/
SWITCHING
ADL5519
CHARACTERIZATION
BOARD
OUTA
OUTB
OUTP
OUTN
VREF
TEMP
INA
INB
–3dB
SIGNAL
SOURCE
–3dB
SIGNAL
SOURCE
Figure 59. General Characterization Configuration
BASIS FOR ERROR CALCULATIONS
The input power and output voltage are used to calculate the
slope and intercept values. The slope and intercept are calculated
using linear regression over the input range from −40 dBm to
−10 dBm. The slope and intercept terms are used to generate an
ideal line. The error is the difference in measured output voltage
compared to the ideal output line. This is a measure of the linearity
of the device. Refer to the Device Calibration section for more
information on calculating slope, intercept, and error.
Error from the linear response to the CW waveform is not
a measure of absolute accuracy because it is calculated using
the slope and intercept of each device. However, error verifies the
linearity and the effects of modulation on device response.
Similarly, at temperature extremes, error represents the output
voltage variations from the 25°C ideal line performance. Data
presented in the graphs is the typical error distribution observed
during characterization of the ADL5519.
Pulse response of the ADL5519 is 6 ns/8 ns rise/fall times. For
the fastest response time, the capacitance on OUTA, OUTB should
be kept to a minimum. Any capacitance on the output pins should
be counterbalanced with an equal capacitance on the CLPA, CLPB
pins to prevent ringing on the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com