Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # ADL5519ACPZ-R2
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADL5519ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 27Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 28Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 29Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 30Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
ADL5519
Rev. 0 | Page 27 of 40
OUTPUT FILTERING
PACKAGE CONSIDERATIONS
Accurate power detection for signals with RF bursts is achieved
when the ADL5519 is able to respond quickly to the change in
RF power. For applications in which maximum video bandwidth
and, consequently, fast rise time are desired, it is essential that
the CLPA, CLPB pins have very little capacitance on them (some
capacitance reduces the ringing).
The ADL5519 uses a compact, 32-lead LFCSP. A large exposed
paddle on the bottom of the device provides both a thermal
benefit and a low inductance path to ground for the circuit.
To make proper use of this packaging feature, the PCB RF/dc
common-ground reference needs to make contact with the paddle
with as many vias as possible to lower inductance and thermal
impedance.
The nominal output video bandwidth of 10 MHz can be reduced
by connecting a ground-referenced capacitor (CFLT) to the CLPA,
CLPB pins, as shown in Figure 65. This is generally done to
reduce output ripple (at twice the input frequency for a
symmetric input waveform, such as a sinusoidal signal).
OPERATION ABOVE 8 GHz
The ADL5519 is specified for operation up to 8 GHz, but it
provides useful measurement accuracy over a reduced dynamic
range of up to 10 GHz. Figure 66 shows the performance of the
ADL5519 over temperature for a input frequency of 10 GHz. This
high frequency performance is achieved using the configuration
shown in Figure 53. The dynamic range shown is reduced from the
typical device performance, but the ADL5519 can provide 30 dB of
measurement range with less than 3 dB of linearity error.
ILOGA,
ILOGB
CFLT
1.5kΩ
OUTA, OUTB
CLPA, CLPB
3.5pF
ADL5519
+4
Implementing an impedance match for frequencies greater than
8 GHz can improve the sensitivity of the ADL5519 and its measure-
ment range.
Figure 65. Lowering the Post Demodulation Bandwidth
CFLT is selected using the following equation:
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
4.0
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
–4.0
–40
–35
–30
–25
–20
–15
–10
–5
0
PIN (dBm)
()
pF
5
.
3
k
5
.
1
1
−
×
Ω
×
π
=
Bandwidth
Video
C
FLT
(12)
The video bandwidth should typically be set to a frequency less
than or equal to approximately 1/10 the minimum input frequency.
There are no problems with putting large capacitor values on the
CLPA, CLPB pins. These large capacitor values ensure that the
output ripple of the demodulated log output, which is at twice
the input frequency, is well filtered. Signals with modulation
may need additional filtering (a larger CFLT capacitance) to
remove modulation bleedthrough.
Figure 66. VOUT and Log Conformance vs. Input Amplitude at 10 GHz,
Over Temperature, ADJA, ADJB = 1.8 V, 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com