Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3003ACPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADV3003ACPZ
Description  HDMI/DVI TMDS Equalizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3003ACPZ Datasheet(HTML) 5 Page - Analog Devices

  ADV3003ACPZ Datasheet HTML 1Page - Analog Devices ADV3003ACPZ Datasheet HTML 2Page - Analog Devices ADV3003ACPZ Datasheet HTML 3Page - Analog Devices ADV3003ACPZ Datasheet HTML 4Page - Analog Devices ADV3003ACPZ Datasheet HTML 5Page - Analog Devices ADV3003ACPZ Datasheet HTML 6Page - Analog Devices ADV3003ACPZ Datasheet HTML 7Page - Analog Devices ADV3003ACPZ Datasheet HTML 8Page - Analog Devices ADV3003ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADV3003
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
IN0
2
IP0
3
IN1
4
IP1
5
VTTI
6
IN2
7
IP2
8
IN3
9
IP3
10
AVCC
23 AVCC
24 AVEE
25 AVCC
26 AVCC
27 AVEE
28 TX_EN
29 PE_EN
30 AVCC
22 AVCC
21 NC
TOP VIEW
(Not to Scale)
ADV3003
NOTES
1. NC = NO CONNECT.
2. THE ADV3003 LFCSP HAS AN EXPOSED PADDLE (ePAD) ON THE UNDERSIDE
OF THE PACKAGE, WHICH AIDS IN HEAT DISSIPATION. THE ePAD MUST BE
ELECTRICALLY CONNECTED TO THE AVEE SUPPLY PLANE TO MEET
ELECTRICAL AND THERMAL SPECIFICATIONS.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
IN0
HS, I
High Speed Input Complement.
2
IP0
HS, I
High Speed Input.
3
IN1
HS, I
High Speed Input Complement.
4
IP1
HS, I
High Speed Input.
5
VTTI
Power
Input Termination Supply. Nominally connected to AVCC.
6
IN2
HS, I
High Speed Input Complement.
7
IP2
HS, I
High Speed Input.
8
IN3
HS, I
High Speed Input Complement.
9
IP3
HS, I
High Speed Input.
10, 16, 22, 23, 25, 26, 30, 32
AVCC
Power
Positive Analog Supply. 3.3 V nominal.
11
ON0
HS, O
High Speed Output Complement.
12
OP0
HS, O
High Speed Output.
13
VTTO
Power
Output Termination Supply. Nominally connected to AVCC.
14
ON1
HS, O
High Speed Output Complement.
15
OP1
HS, O
High Speed Output.
17
ON2
HS, O
High Speed Output Complement.
18
OP2
HS, O
High Speed Output.
19
ON3
HS, O
High Speed Output Complement.
20
OP3
HS, O
High Speed Output.
24, 27, 37, ePAD
AVEE
Power
Negative Analog Supply. 0 V nominal.
28
TX_EN
Control
High Speed Output Enable Parallel Interface.
29
PE_EN
Control
High Speed Pre-Emphasis Enable Parallel Interface.
21, 31, 33, 34, 35, 36, 38, 39, 40
NC
NC
No Connect.
1 HS = high speed, I = input, O = output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com