Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3003ACPZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADV3003ACPZ
Description  HDMI/DVI TMDS Equalizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3003ACPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADV3003ACPZ Datasheet HTML 8Page - Analog Devices ADV3003ACPZ Datasheet HTML 9Page - Analog Devices ADV3003ACPZ Datasheet HTML 10Page - Analog Devices ADV3003ACPZ Datasheet HTML 11Page - Analog Devices ADV3003ACPZ Datasheet HTML 12Page - Analog Devices ADV3003ACPZ Datasheet HTML 13Page - Analog Devices ADV3003ACPZ Datasheet HTML 14Page - Analog Devices ADV3003ACPZ Datasheet HTML 15Page - Analog Devices ADV3003ACPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADV3003
Rev. 0 | Page 14 of 16
TMDS Terminations
In a typical application, all pins labeled AVEE, including the
ePAD, should be connected directly to ground. All pins labeled
AVCC, VTTI, or VTTO should be connected to 3.3 V. The
supplies can also be powered individually, but care must be
taken to ensure that each stage of the ADV3003 is powered
correctly.
The ADV3003 provides internal 50 Ω single-ended
terminations for all its high speed inputs and outputs.
The output termination resistors are always enabled and act
to back-terminate the output TMDS transmission lines. These
back-terminations act to absorb reflections from impedance
discontinuities on the output traces, improving the signal
integrity of the output traces and adding flexibility to how the
output traces can be routed. For example, interlayer vias can be
used to route the ADV3003 TMDS outputs on multiple layers of
the PCB without severely degrading the quality of the output
signal.
Power Supply Bypassing
The ADV3003 requires minimal supply bypassing. When
powering the supplies individually, place a 0.01 μF capacitor
between each 3.3 V supply pin (AVCC, VTTI, and VTTO) and
ground to filter out supply noise. Generally, bypass capacitors
should be placed near the power pins and should connect
directly to the relevant supplies (without long intervening
traces). For example, to improve the parasitic inductance of the
power supply decoupling capacitors, minimize the trace length
between capacitor landing pads and the vias as shown in
Figure 28.
In a typical application, the ADV3003 output is connected to an
HDMI/DVI receiver or another device with a 50 Ω single-ended
input termination. It is recommended that the outputs be
terminated with external 50 Ω on-board resistors when the
ADV3003 is not connected to another device.
EXTRA ADDED INDUCTANCE
RECOMMENDED
NOT RECOMMENDED
Auxiliary Control Signals
There are four low-speed, single-ended control signals asso-
ciated with each source or sink in an HDMI/DVI application.
These control signals are hot plug detect (HPD), consumer
electronics control (CEC), and two display data channel (DDC)
lines. The two signals on the DDC bus are serial data and serial
clock (SDA and SCL, respectively). The ADV3003, which is a
TMDS-only part, does not buffer these low speed signals. If the
end application requires it, use other means to buffer these
signals.
Figure 28. Recommended Pad Outline for Bypass Capacitors
Power Supplies
In applications where the ADV3003 is powered by a single 3.3 V
supply, it is recommended to use two reference supply planes
and bypass the 3.3 V reference plane to the ground reference
plane with one 220 pF, one 1000 pF, two 0.01 μF, and one 4.7 μF
capacitors. The capacitors should via down directly to the
supply planes and be placed within a few centimeters of the
ADV3003.
The ADV3003 has three separate power supplies referenced
to a single ground, AVEE. The supply/ground pairs are as
follows: AVCC/AVEE, VTTI/AVEE, and VTTO/AVEE.
The AVCC/AVEE supply (3.3 V) powers the core of the
ADV3003. The VTTI/AVEE supply (3.3 V) powers the input
termination (see Figure 25). Similarly, the VTTO/AVEE supply
(3.3 V) powers the output termination (see Figure 26).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com