Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3003ACPZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADV3003ACPZ
Description  HDMI/DVI TMDS Equalizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3003ACPZ Datasheet(HTML) 1 Page - Analog Devices

  ADV3003ACPZ Datasheet HTML 1Page - Analog Devices ADV3003ACPZ Datasheet HTML 2Page - Analog Devices ADV3003ACPZ Datasheet HTML 3Page - Analog Devices ADV3003ACPZ Datasheet HTML 4Page - Analog Devices ADV3003ACPZ Datasheet HTML 5Page - Analog Devices ADV3003ACPZ Datasheet HTML 6Page - Analog Devices ADV3003ACPZ Datasheet HTML 7Page - Analog Devices ADV3003ACPZ Datasheet HTML 8Page - Analog Devices ADV3003ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HDMI/DVI TMDS Equalizer
ADV3003
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
One input, one output HDMI/DVI high speed signal
equalizer/driver
Enables HDMI 1.3 receive-compliant input
Four TMDS channels per input/output
Supports 250 Mbps to 2.25 Gbps data rates
Supports 25 MHz to 225 MHz pixel clocks
Fully buffered unidirectional inputs/outputs
Equalized inputs for operation with long HDMI cables
(20 meters at 2.25 Gbps)
Pre-emphasized outputs
Matched 50 Ω input and output on-chip terminations
Low added jitter
Transmitter disable feature
Reduces power dissipation
Disables input terminations
Single-supply operation (3.3 V)
Standards compliant: HDMI receiver, DVI
40-lead, 6 mm × 6 mm, RoHS-compliant LFCSP
APPLICATIONS
Multiple input displays
Advanced television set (HDTV) front panel connectors
HDMI/DVI cable extenders
FUNCTIONAL BLOCK DIAGRAM
IP[3:0]
IN[3:0]
VTTI
OP[3:0]
AVEE
VTTO
AVCC
ON[3:0]
+
–
+
–
EQ
BUFFER
PE
CONTROL
LOGIC
4
4
4
4
HIGH SPEED
BUFFERED
PE_EN TX_EN
PARALLEL
CONTROL
ADV3003
Figure 1.
TYPICAL APPLICATION DIAGRAM
MEDIA CENTER
SET-TOP BOX
DVD PLAYER
HDTV SET
4:1 HDMI
SWITCH
ADV3003
HDMI
RECEIVER
FRONT PANEL
CONNECTOR
BACK PANEL
CONNECTORS
GAME
CONSOLE
Figure 2.
GENERAL DESCRIPTION
The ADV3003 is a 4-channel transition minimized differential
signaling (TMDS) buffer featuring equalized inputs and
pre-emphasized outputs. The ADV3003 features 50 Ω input
and output terminations, providing full-swing output signal
recovery and minimizing reflections for improved system
signal integrity. The ADV3003 is targeted at HDMI™/DVI
applications and is ideal for use in systems with long cable
runs, long PCB traces, and designs with interior cabling.
The ADV3003 is provided in a 40-lead, LFCSP, surface-mount,
RoHS-compliant, plastic package and is specified to operate
over the −40°C to +85°C temperature range.
PRODUCT HIGHLIGHTS
1.
Supports data rates up to 2.25 Gbps, enabling 1080p deep
color (12-bit color) HDMI formats and greater than UXGA
(1600 × 1200) DVI resolutions.
2.
The 12 dB input cable equalizer enables the use of long
cables at the input. For a typical 24 AWG cable, the
ADV3003 compensates for more than 20 meters at data
rates up to 2.25 Gbps.
3.
The selectable 6 dB of output pre-emphasis allows the
ADV3003 to drive high loss output cables or long PCB traces.
4.
Matched 50 Ω on-chip input and output terminations
improve system signal integrity.
5.
An external control pin, PE_EN, sets the output
pre-emphasis to either 0 dB or 6 dB.
6.
An external control pin, TX_EN, simultaneously disables
both the transmitter and the on-chip input terminations.
This feature reduces the power dissipation of the ADV3003
and indicates to a connected source when the ADV3003 is
disabled.


Similar Part No. - ADV3003ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3003ACPZ AD-ADV3003ACPZ Datasheet
766Kb / 16P
HDMI/DVI TMDS Equalizer
6/2017-Rev. 0 to Rev. A
ADV3003ACPZ-R7 AD-ADV3003ACPZ-R7 Datasheet
766Kb / 16P
HDMI/DVI TMDS Equalizer
6/2017-Rev. 0 to Rev. A
More results

Similar Description - ADV3003ACPZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3814 MAXIM-MAX3814 Datasheet
571Kb / 15P
DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 0; 5/07
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
3:1 TMDS / HDMI signal equalizer
03-Sep-2007
logo
Maxim Integrated Produc...
MAX3814_0709 MAXIM-MAX3814_0709 Datasheet
451Kb / 13P
DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
Video Equalizer for DVI, HDMI, and Cat5 Cables
logo
Maxim Integrated Produc...
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
21-Jul-2008
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
logo
Maxim Integrated Produc...
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
logo
Analog Devices
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
HDMI/DVI TMDS Equalizer
6/2017-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com