Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602CPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2602CPZ-R2
Description  Low Power Audio Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602CPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  SSM2602CPZ-R2 Datasheet HTML 1Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 2Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 3Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 4Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 5Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 6Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 7Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 8Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
SSM2602
Rev. 0 | Page 5 of 32
TIMING CHARACTERISTICS
Table 3. I2C® Timing
Limit
Parameter
tMIN
tMAX
Unit
Description
tSCS
600
ns
Start condition setup time
tSCH
600
ns
Start condition hold time
tPH
600
ns
SCLK pulse width high
tPL
1.3
μs
SCLK pulse width low
fSCLK
0
526
kHz
SCLK frequency
tDS
100
ns
Data setup time
tDH
900
ns
Data hold time
tRT
300
ns
SDIN and SCLK rise time
tFT
300
ns
SDIN and SCLK fall time
tHCS
600
ns
Stop condition setup time
SCLK
SDIN
tRT
tSCH
tPL
tDS
tPH
tDH
tFT
tSCS
tHCS
Figure 2. I2C Timing
Table 4. SPI Timing
Limit
Parameter
tMIN
tMAX
Unit
Description
tDSU
20
ns
SDIN to SCLK setup time
tDHO
20
ns
SCLK to SDIN hold time
tSCH
20
ns
SCLK pulse width high
tSCL
20
ns
SCLK pulse width low
tSCS
60
ns
SCLK rising edge to CSB rising edge
tCSS
20
ns
CSB rising to SCLK rising
tCSH
20
ns
CSB pulse width high
tCSL
20
ns
CSB pulse width low
tPS
0
5
ns
Pulse width of spikes to be suppressed
CSB
SCLK
SDIN
tCSL
tCSH
tDHO
tCSS
tDSU
tSCS
tSCL
tSCH
Figure 3. SPI Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com