Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602CPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # SSM2602CPZ-R2
Description  Low Power Audio Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602CPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button SSM2602CPZ-R2 Datasheet HTML 14Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 15Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 16Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 17Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 18Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 19Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 20Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 21Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
SSM2602
Rev. 0 | Page 18 of 32
SOFTWARE CONTROL INTERFACE
The software control interface provides access to the user-selectable
control registers and can operate with a 2-wire (I2C) or 3-wire
(SPI) interface, depending on the setting of the MODE pin. If
the MODE pin is set to 0, the 2-wire interface is selected; if 1,
the 3-wire interface is selected.
Within each control register is a control data-word consisting of
16 bits, MSB first. Bit B15 to Bit B9 are the register map address,
and Bit B8 to Bit B0 are register data for the associated register map.
When 2-wire (I2C) mode is selected, SDIN generates the serial
control data-word, SCLK clocks the serial data, and CSB
determines the I2C device address. If the CSB pin is set to 0, the
address selected is 0011010; if 1, the address is 0011011.
When 3-wire (SPI) mode is selected, SDIN generates the control
data-word, SCLK clocks the control data-word into the SSM2602,
and CSB latches in the control data-word.
B15
B14
CSB
SCLK
SDIN
B0
B01
B02
B03
B04
B05
B06
B07
B08
B09
B10
B11
B12
B13
REGISTER MAP
ADDRESS
REGISTER
DATA
Figure 28. SPI Serial Interface
P
9
8
1 – 7
9
8
1 – 7
9
8
1 – 7
S
SDIN
SCLK
START
ADDR
R/W
ACK
ACK
SUBADDRESS
ACK
STOP
DATA
Figure 29. SSM2602 2-Wire I2C Generalized Clocking Diagram
WRITE
SEQUENCE
READ
SEQUENCE
SA1
A7
A0
A(S)
A(S)
S
B15
B9
0
01
0P
0
...
A1
A7
A0
A(S)
...
B0
B8
B7
A(M)
A(M)
...
B0
B7
P
...
...
...
DEVICE
ADDRESS
DEVICE
ADDRESS
REGISTER
ADDRESS
SA1
A7
A0
A(S)
A(S)
A(S)
B15
B9
B8
0
...
...
DEVICE
ADDRESS
REGISTER
ADDRESS
REGISTER
DATA
(SLAVE DRIVE)
REGISTER
DATA
S/P = START/STOP BIT.
A0 = I2C R/W BIT.
A(S) = ACKNOWLEDGE BY SLAVE.
A(M) = ACKNOWLEDGE BY MASTER.
A(M) = ACKNOWLEDGE BY MASTER (INVERSION).
Figure 30. SSM2602 I2C Write and Read Sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com