Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602CPZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # SSM2602CPZ-R2
Description  Low Power Audio Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602CPZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button SSM2602CPZ-R2 Datasheet HTML 19Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 20Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 21Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 22Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 23Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 24Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 25Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 26Page - Analog Devices SSM2602CPZ-R2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
SSM2602
Rev. 0 | Page 23 of 32
LEFT-CHANNEL DAC VOLUME, ADDRESS 0x02
Table 16. Left-Channel DAC Volume Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
LRHPBOTH
LZCEN
LHPVOL [6:0]
Table 17. Descriptions of Left-Channel DAC Volume Register Bits
Bit Name
Description
Settings
LRHPBOTH
Left-to-right headphone volume load control
0 = disable simultaneous loading of left-channel headphone volume
data to right-channel register (default)
1 = enable simultaneous loading of left-channel headphone volume
data to right-channel register
LZCEN
Left-channel zero cross detect enable
0 = disable (default)
1 = enable
LHPVOL [6:0]
Left-channel headphone volume control
000 0000 to 010 1111 = mute
011 0000 = −73 dB
…
111 1001 = 0 dB (default)
… 1 dB steps up to
111 1111 = +6 dB
RIGHT-CHANNEL DAC VOLUME, ADDRESS 0x03
Table 18. Right-Channel DAC Volume Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
RLHPBOTH
RZCEN
RHPVOL [6:0]
Table 19. Descriptions of Right-Channel DAC Volume Register Bits
Bit Name
Description
Settings
RLHPBOTH
Right-to-left headphone volume load control
0 = disable simultaneous loading of right-channel headphone
volume data to left-channel register (default)
1 = enable simultaneous loading of right-channel headphone
volume data to left-channel register
RZCEN
Right-channel zero cross detect enable
0 = disable (default)
1 = enable
RHPVOL [6:0]
Right-channel headphone volume control
000 0000 to 010 1111 = mute
011 0000 = −73 dB
…
111 1001 = 0 dB (default)
… 1 dB steps up to
111 1111 = +6 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com